Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK42822-01 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # EK42822-01
Description  UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42822-01 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button EK42822-01 Datasheet HTML 5Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 6Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 7Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 8Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 9Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 10Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 11Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 12Page - Peregrine Semiconductor EK42822-01 Datasheet HTML 13Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PE42822
SPDT RF Switch
DOC-67330-2 – (09/2015)
Page 9
www.psemi.com
Figure 10 • Active Port Return Loss vs Temp (RF1)
Figure 11 • Active Port Return Loss vs VDD (RF1)
0
0.5
1
1.5
2
2.5
3
3.5
4
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency (GHz)
−40 ºC
+25 ºC
+85 ºC
+105 ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency (GHz)
2.3V
3.4V
5.5V


Similar Part No. - EK42822-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42820-02 PSEMI-EK42820-02 Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
More results

Similar Description - EK42822-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
   SPDT RF Switch, 700 MHz?? GHz
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
   UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
   UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com