Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK43705-11 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # EK43705-11
Description  UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK43705-11 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button EK43705-11 Datasheet HTML 6Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 7Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 8Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 9Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 10Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 11Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 12Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 13Page - Peregrine Semiconductor EK43705-11 Datasheet HTML 14Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Document No. DOC-47814-3 |
UltraCMOS
® RFIC Solutions
Page 10 of 18
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
PE43705
Product Specification
Figure 6. 0.25 dB Step Attenuation vs. Frequency*
Typical Performance Data, 0.25 dB Step @ 25°C and VDD = 3.3V unless otherwise specified
Figure 7. 0.25 dB Step, Actual vs. Frequency
Figure 8. 0.25 dB Major State Bit Error vs.
Attenuation Setting
Figure 9.
0.25 dB Attenuation Error vs.
Frequency
* Monotonicity is held so long as step-attenuation does not cross below –0.25 dB
-0.25
-0.125
0
0.125
0.25
0
4
8
1216202428
32
Attenuation Setting (dB)
0.2GHz
0.9GHz
1.8GHz
2.2GHz
3GHz
4GHz
5GHz
6GHz
0
5
10
15
20
25
30
35
0
4
8
12
16
20
24
28
32
Ideal Attenuation (dB)
0.9GHz
1.8GHz
2.2GHz
3GHz
4GHz
5GHz
6GHz
-0.5
0
0.5
1
1.5
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
0.2GHz
0.9GHz
1.8GHz
2.2GHz
3GHz
4GHz
5GHz
6GHz
-0.5
0
0.5
1
1.5
012
34
56
Frequency (GHz)
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB


Similar Part No. - EK43705-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK43705-11 PSEMI-EK43705-11 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results

Similar Description - EK43705-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
PE43704DS PSEMI-PE43704DS Datasheet
731Kb / 20P
   UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com