Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK43711-02 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # EK43711-02
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK43711-02 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  EK43711-02 Datasheet HTML 1Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 2Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 3Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 4Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 5Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 6Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 7Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 8Page - Peregrine Semiconductor EK43711-02 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
PE43711
UltraCMOS® RF Digital Step Attenuator
Page 2
DOC-44414-2 – (3/2015)
www.psemi.com
Peregrine’s HaRP technology enhancements deliver high linearity and excellent harmonics performance. It is an
innovative feature of the UltraCMOS process, offering the performance of GaAs with the economy and
integration of conventional CMOS.
Absolute Maximum Ratings
Exceeding absolute maximum ratings listed in Table 1 may cause permanent damage. Operation should be
restricted to the limits in Table 2. Operation between operating range maximum and absolute maximum for
extended periods may reduce reliability.
ESD Precautions
When handling this UltraCMOS device, observe the same precautions as with any other ESD-sensitive devices.
Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to
avoid exceeding the rating specified in Table 1.
Latch-up Immunity
Unlike conventional CMOS devices, UltraCMOS devices are immune to latch-up.
Table 1 • Absolute Maximum Ratings for PE43711
Parameter/Condition
Min
Max
Unit
Supply voltage, VDD
–0.3
5.5
V
Digital input voltage
–0.3
3.6
V
RF input power, 50
9 kHz–48 MHz
>48 MHz–6 GHz
Figure 5
+31
dBm
dBm
Storage temperature range
–65
+150
°C
ESD voltage HBM, all pins(1)
3000
V
ESD voltage CDM, all pins(2)
1000
V
Notes:
1) Human body model (MIL–STD 883 Method 3015).
2) Charged device model (JEDEC JESD22-C101).


Similar Part No. - EK43711-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK43712-02 PSEMI-EK43712-02 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
EK43713-02 PSEMI-EK43713-02 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
More results

Similar Description - EK43711-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com