Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK43712-02 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # EK43712-02
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK43712-02 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button EK43712-02 Datasheet HTML 4Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 5Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 6Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 7Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 8Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 9Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 10Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 11Page - Peregrine Semiconductor EK43712-02 Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
PE43712
UltraCMOS® RF Digital Step Attenuator
Page 8
DOC-49514-1 – (3/2015)
www.psemi.com
Programming Options
Parallel/Serial Selection
Either a Parallel or Serial addressable interface can
be used to control the PE43712. The P/S bit provides
this selection, with P/S = LOW selecting the Parallel
interface and P/S = HIGH selecting the Serial
interface.
Parallel Mode Interface
The Parallel interface consists of seven CMOS-
compatible control lines that select the desired attenu-
ation state, as shown in Table 4.
The Parallel interface timing requirements are defined
by Figure 4 (Parallel Interface Timing Diagram),
Table 9 (Parallel and Direct Interface AC Character-
istics) and switching time (Table 3).
For Latched Parallel programming, the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW (per
Figure 4) to latch new attenuation state into the
device.
For Direct Parallel programming, the LE line should
be pulled HIGH. Changing attenuation state control
values will change device state to new attenuation.
Direct mode is ideal for manual control of the device
(using hardwire, switches, or jumpers).
Serial-Addressable Interface
The Serial-Addressable interface is a 16-bit Serial-In,
Parallel-Out shift register buffered by a transparent
latch. The 16-bits make up two words comprised of 8-
bits each. The first word is the Attenuation Word,
which controls the state of the DSA. The second word
is the Address Word, which is compared to the static
(or programmed) logical states of the A0, A1 and A2
digital inputs. If there is an address match, the DSA
changes state; otherwise its current state will remain
unchanged. Figure 3 illustrates an example timing
diagram for programming a state. It is required that all
Parallel control inputs be grounded when the DSA is
used in Serial-Addressable mode.
The Serial-Addressable interface is controlled using
three CMOS-compatible signals: SI, Clock (CLK) and
LE. The SI and CLK inputs allow data to be serially
entered into the shift register. Serial data is clocked in
LSB first.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. The Address Word truth table
is listed in Table 5. The Attenuation Word truth table
is listed in Table 6. A programming example of the
serial register is illustrated in Figure 2. The Serial
timing diagram is illustrated in Figure 3.
Power-up Control Settings
The PE43712 will always initialize to the maximum
attenuation setting (31.75 dB) on power-up for both
the Serial Addressable and Latched Parallel modes of
operation and will remain in this setting until the user
latches in the next programming word. In Direct
Parallel mode, the DSA can be preset to any state
within the 31.75 dB range by pre-setting the Parallel
control pins prior to power-up. In this mode, there is a
400 µs delay between the time the DSA is powered-
up to the time the desired state is set. During this
power-up delay, the device attenuates to the
maximum attenuation setting (31.75 dB) before
defaulting to the user defined state. If the control pins
are left floating in this mode during power-up, the
device will default to the minimum attenuation setting
(insertion loss state).
Dynamic operation between Serial and Parallel
programming modes is possible.
If the DSA powers up in Serial mode (P/S = HIGH), all
the Parallel control inputs DI[6:0] must be set to logic
LOW. Prior to toggling to Parallel mode, the DSA must
be programmed serially to ensure D[7] is set to logic
LOW.
If the DSA powers up in either Latched or Direct
Parallel mode, all Parallel pins DI[6:0] must be set to
logic LOW prior to toggling to Serial Addressable
mode (P/S = HIGH), and held LOW until the DSA has
been programmed serially to ensure bit D[7] is set to
logic LOW.
The sequencing is only required once on power-up.
Once completed, the DSA may be toggled between
Serial and Parallel programming modes at will.


Similar Part No. - EK43712-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK43711-02 PSEMI-EK43711-02 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
EK43713-02 PSEMI-EK43713-02 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
More results

Similar Description - EK43712-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com