Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43713 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE43713 Datasheet HTML 2Page - Peregrine Semiconductor PE43713 Datasheet HTML 3Page - Peregrine Semiconductor PE43713 Datasheet HTML 4Page - Peregrine Semiconductor PE43713 Datasheet HTML 5Page - Peregrine Semiconductor PE43713 Datasheet HTML 6Page - Peregrine Semiconductor PE43713 Datasheet HTML 7Page - Peregrine Semiconductor PE43713 Datasheet HTML 8Page - Peregrine Semiconductor PE43713 Datasheet HTML 9Page - Peregrine Semiconductor PE43713 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
Page 6
DOC-49614-1 – (3/2015)
www.psemi.com
Switching Frequency
The PE43713 has a maximum 25 kHz switching rate
in normal mode (pin 20 tied to ground). A faster
switching rate is available in bypass mode (pin 20 tied
to VSS_EXT). The rate at which the PE43713 can be
switched is then limited to the switching time as
specified in Table 3.
Switching frequency is defined to be the speed at
which the DSA can be toggled across attenuation
states. Switching time is the time duration between
the point the control signal reaches 50% of the final
value and the point the output signal reaches within
10% or 90% of its target value.
Spur-free Performance
The typical spurious performance of the PE43713 in
normal mode is –130 dBm (pin 20 tied to ground). If
spur-free performance is desired, the internal
negative voltage generator can be disabled by
applying a negative voltage to VSS_EXT (pin 20).
Glitch-less Attenuation State Transitions
The PE43713 features a novel architecture to provide
the best-in-class glitch-less transition behavior when
changing attenuation states. When RF input power is
applied, the output power spikes are greatly reduced
(
≤0.3 dB) during attenuation state changes when
comparing to previous generations of DSAs.
Truth Tables
Table 4Table 6 provide the truth tables for the
PE43713.
Table 4 • Parallel Truth Table
Parallel Control Setting
Attenuation
Setting
RF1–RF2
D6
D5
D4
D3
D2
D1
D0
L
L
L
L
L
L
L
Reference IL
L
L
L
L
L
L
H
0.25 dB
L
L
L
L
L
H
L
0.5 dB
LL
L
L
H
L
L
1 dB
LL
L
H
L
L
L
2 dB
LL
H
L
L
L
L
4 dB
L
H
L
LLL
L
8 dB
H
L
L
L
L
L
L
16 dB
H
HH
HHHH
31.75 dB
Table 5 • Serial Address Word Truth Table
Address Word
Address
Setting
A7
(MSB)
A6 A5 A4 A3 A2 A1 A0
X
X
X
X
X
L
L
L
000
X
X
X
X
X
L
L
H
001
X
X
X
X
X
L
H
L
010
XX
X
X
X
L
H
H
011
X
X
X
X
X
H
L
L
100
X
X
X
X
X
H
L
H
101
XX
X
X
X
H
H
L
110
X
X
X
X
X
HHH
111
Table 6 • Serial Attenuation Word Truth Table
Attenuation Word
Attenuation
Setting
RF1–RF2
D7 D6 D5 D4 D3 D2 D1
D0
(LSB)
LL
LL
LLL
L
Reference IL
LL
LL
LLL
H
0.25 dB
LL
LL
LL
H
L
0.5 dB
LL
LL
L
H
L
L
1 dB
LL
LL
H
LL
L
2 dB
LL
L
H
LLL
L
4 dB
LL
H
L
LLL
L
8 dB
L
H
LL
LLL
L
16 dB
L
H
H
H
H
H
H
H
31.75 dB
Table 4 • Parallel Truth Table (Cont.)
Parallel Control Setting
Attenuation
Setting
RF1–RF2
D6
D5
D4
D3
D2
D1
D0


Similar Part No. - PE43713

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4371 PASTERNACK-PE4371 Datasheet
271Kb / 3P
   N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE4371 PASTERNACK-PE4371 Datasheet
357Kb / 3P
   N Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43711A-Z PSEMI-PE43711A-Z Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results

Similar Description - PE43713

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com