Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99151DIE Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE99151DIE
Description  Hi-Rel 2A DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99151DIE Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE99151DIE Datasheet HTML 1Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 2Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 3Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 4Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 5Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 6Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 7Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 8Page - Peregrine Semiconductor PE99151DIE Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2 of 15
©2012–2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-50370-6 │ UltraCMOS® Power Management Solutions
Product Specification
PE99151 DIE
Table 2. Electrical Specifications1
Temp (TA) = –55 °C to +125 °C, VIN = 4.6–6.0V, VOUT = 1.0–3.6V, unless otherwise noted
Parameter
Condition
Min
Typ
Max
Unit
Synchronous Frequency Range,
Fsw_range
0.1
5
MHz
Maximum Cycle-Averaged RMS
Output Current, Imax
2
A
Supply Current (Shutdown), IDDSD
SDb = GND, VIN = 5.5V
1.8
3.2
mA
SDb = GND, VIN = 6.0V
3.1
5.5
Supply Current (No-load, 1 MHz
async), IDD0
17.5
mA
High Side On Resistance, Ron,hss
Test current = 100 mA
97
160
mΩ
Low Side On Resistance, Ron,lss
Test current = 100 mA
113
190
mΩ
Output Voltage
Reference Voltage Accuracy, Vref 2
VIN = 5.0V, IOUT = Imax/2, –40≤TA ≤+85 °C, Fsw = 100 kHz–1 MHz
–1.0
0
1.0
%
VIN = 5.0V, IOUT = Imax/2, –55≤TA ≤+125 °C, Fsw = 100 kHz–1 MHz
–1.5
0
1.5
Reference Voltage Line Regulation,
Kvi (steady state) 2
4.6V ≤VIN ≤6.0V, IOUT = 1A, VOUT = 2.5V, Fsw = 1 MHz
–0.2
0
0.2
%
Reference Voltage Load Regulation,
Kvo (steady state) 2
VIN = 5.0V, 500 mA ≤IOUT ≤1A, VOUT = 2.5V, Fsw = 1 MHz
–0.25
0
0.25
%
Internal Oscillator and SYNC Capture
Oscillator Frequency, FOSC_FREQ
SYNC = GND
320
530
700
kHz
SYNC = Open or VIN
0.71
1
1.42
MHz
Internal Oscillator Duty Cycle,
FOSC_DC
46
54
%
SYNC Lock Capture Frequency,
Sync_lock
40
kHz
External Sync Duty Cycle, SYNC_DC
40
60
%
Internal Current Limit Max, ILIMXINT 2
VOUT = 1.0V, ISET = 3.0V, ICOMP = 0V, RSEL pin shorted to ground,
not min-on-time limited
2
3
4
A
Externally Set Max Current Limit
Accuracy, ILIMXEXT 2
VOUT = 1.0V, RSET = 130Ω, ISET = 3.0V, ICOMP = 0V, RSEL = VIN,
not min-on-time limited
2
3
4
%
Max voltage across Rset, VMAXRSET
1.3
1.5
1.75
V
Iout/Irset, GIref 2
IOUT set for 50% rated current
300
378
450
A/A
ICOMP cap, CICOMP 2
110
pF
Current compensation gain, ICOMP
gain, GICOMP 2
2.3
3
4
A/V
Current Limiting and Current Mode Control Loop
Notes: 1. Wafer level screening is performed at +25 °C and +85 °C only. However, performance is guaranteed over the full operating temperature range based on a
population of parts that were packaged and characterized at –55 °C and +125 °C.
2. Parameter not tested at wafer level due to high current limitations of test setup.


Similar Part No. - PE99151DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151 Datasheet
440Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99151DIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com