Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99153DIE Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE99153DIE
Description  Hi-Rel 6A DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99153DIE Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE99153DIE Datasheet HTML 1Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 2Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 3Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 4Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 5Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 6Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 7Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 8Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Page 3 of 15
Document No. DOC-50371-6 │ www.e2v-us.com
©2012–2015 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE99153 DIE
PGOOD
PGOOD Threshold
EAINM_UP_THRESH entering PGOOD
window (% of Vref)
104
110.5
117.5
%
EAINM_LO_THRESH exiting PGOOD window
(% of Vref)
84
90
96
%
EAINM_UP (% of Vref)
2
%
EAINM_LO
1.7
%
PGOOD low sink current, PGOOD I_OL
V_PGOOD = 0.4V
4
8
mA
PGOOD high leakage current, PGOOD I_OH
V_PGOOD = VIN
10
20
µA
PGOOD Deglitch Time
64
SYNCOb
cycles
Error Amp
EAINM leakage
Measured at 1V input
0.2
µA
EAINP leakage
Measured at 1V input
0.2
µA
EAOUT Source Current
Measured at 1V input
–445
–350
–270
µA
EAOUT Sink Current
Measured at 1V input
125
220
270
µA
Error Amplifier Transconductance
EAOUT = 1.5V DC
0.7
1.4
2.1
mS
Error Amplifier Output Resistance
4
6.4
10
MΩ
EA Input offset
1 MHz internal
–6
3.1
6
mV
Undervoltage Lockout
Underv-oltage Lockout
VIN Rising
3.5
4.2
4.59
V
VIN Falling
3.4
3.8
4.1
V
Underv-oltage Lockout Hysteresis
400
mV
Soft Start
SScap pin pull-up Resistance
V_SScap = 0V
1.2
MΩ
Internal SSCAP
16
pF
Vref Track, V_SScap – Vref_ext
V_SScap = 0.5V
–170
0
170
mV
DC Characteristics
SDb turn-on threshold
VIH
2
V
VIL
1.3
V
SYNCOb low sink current, SYNCOb I_OL
V_SYNCOb = 0.4
4
8
mA
SYNCOb high leakage current, SYNCOb I_OH
V_SYNCOb = VIN
9.6
20
µA
SYNC
VIH
2.2
V
VIL
1.25
V
HSS Leakage
VOUT = V_SDb = 0V
–1.6
–0.01
mA
LSS Leakage
VOUT = VIN, V_SDb = 0V
0.3
1.8
mA
PGOOD Hysteresis
Parameter
Condition
Min
Typ
Max
Unit
Table 2. Electrical Specifications* (Continued)
Temp (TA) = –55 to +125°C, VIN = 4.6–6.0V, VOUT = 1.0–3.6V, unless otherwise noted
Note: * Wafer level screening is performed at 25°C and 85°C only. However, performance is guaranteed over the full operating temperature range based on a
population of parts that were packaged and characterized at –55 °C and +125 °C.


Similar Part No. - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
Murata Manufacturing Co...
MYMGK00506ERSR MURATA1-MYMGK00506ERSR Datasheet
1,018Kb / 22P
   MonoBK?? 6A DC-DC Converter Series
MYTNA1R86RELA2RA MURATA1-MYTNA1R86RELA2RA Datasheet
1Mb / 26P
   UltraBK™ 6A DC–DC Converter Module
2020
MYTNC1R86RELA2RA MURATA1-MYTNC1R86RELA2RA Datasheet
2Mb / 39P
   UltraBK™ 6A DC–DC Converter Module
2020
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com