Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS131-10100 Datasheet(PDF) 4 Page - SICK AG

Part # LMS131-10100
Description  2D LASER SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LMS131-10100 Datasheet(HTML) 4 Page - SICK AG

  LMS131-10100 Datasheet HTML 1Page - SICK AG LMS131-10100 Datasheet HTML 2Page - SICK AG LMS131-10100 Datasheet HTML 3Page - SICK AG LMS131-10100 Datasheet HTML 4Page - SICK AG LMS131-10100 Datasheet HTML 5Page - SICK AG LMS131-10100 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS131-10100 Security | LMS1xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
54.5 (2.15)
49 (1.93)
10.5
(0.41)
105 (4.13)
1
∅ 94 (3.70)
73 (2.87)
102 (4.02)
1
QC passed
OK
STOP
Q2
Q1
2
2
①  Mounting hole M5 x 7.5
②  Connector M12
Operating range diagram
0
270°
Scanning range in m (ft)
–20
(–65.62)
20
(65.62)
–30
(–98.43)
30
(98.43)
–10
(–32.81)
10
(32.81)
Scanning range in m (ft)
–10
(–32.81)
–20
(–65.62)
10
(32.81)
20
(65.62)
30
(98.43)
–30
(–98.43)
0
Scanning range max. 20 m (65.62 ft)
Scanning range for objects up to
10 % remission 18 m (59.06 ft)


Similar Part No. - LMS131-10100

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMS133-10100 SICK-LMS133-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
logo
Visual Communications C...
LMS133ATP VCC-LMS133ATP Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
LMS133BTP VCC-LMS133BTP Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
LMS133CTP VCC-LMS133CTP Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
LMS133GLO VCC-LMS133GLO Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
More results

Similar Description - LMS131-10100

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com