Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE423422 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE423422
Description  UltraCMOS SPDT RF Switch 100??000 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE423422 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE423422 Datasheet HTML 3Page - Peregrine Semiconductor PE423422 Datasheet HTML 4Page - Peregrine Semiconductor PE423422 Datasheet HTML 5Page - Peregrine Semiconductor PE423422 Datasheet HTML 6Page - Peregrine Semiconductor PE423422 Datasheet HTML 7Page - Peregrine Semiconductor PE423422 Datasheet HTML 8Page - Peregrine Semiconductor PE423422 Datasheet HTML 9Page - Peregrine Semiconductor PE423422 Datasheet HTML 10Page - Peregrine Semiconductor PE423422 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product Specification
PE423422
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Page 7 of 13
Document No. DOC-30514-2 |
www.psemi.com
Figure 10. RFC Port Return Loss vs Temp
(RF1 Active)
Figure 11. RFC Port Return Loss vs VDD
(RF1 Active)
Figure 12. RFC Port Return Loss vs Temp
(RF2 Active)
Figure 13. RFC Port Return Loss vs VDD
(RF2 Active)
Typical Performance Data @ 25°C and VDD = 3.3V unless otherwise specified


Similar Part No. - PE423422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
   BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE4234 PASTERNACK-PE4234 Datasheet
422Kb / 3P
   BNC Twinax Plug Connector Crimp/Solder Attachment
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
   BNC Twinax Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE423422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
   UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
   SPDT RF Switch, 5??000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
   UltraCMOS True DC RF Switch, 0 Hz??000 MHz
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com