Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE613010 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE613010
Description  UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE613010 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE613010 Datasheet HTML 1Page - Peregrine Semiconductor PE613010 Datasheet HTML 2Page - Peregrine Semiconductor PE613010 Datasheet HTML 3Page - Peregrine Semiconductor PE613010 Datasheet HTML 4Page - Peregrine Semiconductor PE613010 Datasheet HTML 5Page - Peregrine Semiconductor PE613010 Datasheet HTML 6Page - Peregrine Semiconductor PE613010 Datasheet HTML 7Page - Peregrine Semiconductor PE613010 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
DOC-11414-5 │ www.psemi.com
©2013–2014 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE613010
Figure 5. Evaluation Board
Evaluation Board
The 101-0738 Evaluation Board (EVB) was
designed for accurate measurement of the tuning
switch impedance and loss using 2 Port Series
(J4, J5) configuration. Three calibration standards
are provided. The open (J2) and short (J1)
standards (104 ps delay) are used for performing
port extensions and accounting for electrical length
and transmission line loss. The Thru (J8, J10)
standard can be used to estimate PCB
transmission line loss for scalar de-embedding.
The board consists of a 4 layer stack with
2 outer layers made of Rogers 4350B (εr = 3.48)
and 2 inner layers of FR4 (εr = 4.80). The total
thickness of this board is 62 mils (1.57 mm).
The inner layers provide a ground plane for the
transmission lines. Each transmission line is
designed using a coplanar waveguide with
ground plane (CPWG) model using a trace width
of 32 mils (0.813 mm), gap of 15 mils (0.381 mm),
and a metal thickness of 1.4 mils (0.051 mm).
PRT-08405


Similar Part No. - PE613010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
   Shorting N Female With 4 Inch Chain Dust Cap
PE6130 PASTERNACK-PE6130 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE613050A-Z PSEMI-PE613050A-Z Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130_16 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
More results

Similar Description - PE613010

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com