Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLG12-P537 Datasheet(PDF) 5 Page - SICK AG

Part # WLG12-P537
Description  Retro-reflective light grid
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG12-P537 Datasheet(HTML) 5 Page - SICK AG

  WLG12-P537 Datasheet HTML 1Page - SICK AG WLG12-P537 Datasheet HTML 2Page - SICK AG WLG12-P537 Datasheet HTML 3Page - SICK AG WLG12-P537 Datasheet HTML 4Page - SICK AG WLG12-P537 Datasheet HTML 5Page - SICK AG WLG12-P537 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WLG12-P537 | WLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5
Connection type and diagram
WLG12-V537/WLG12-P537 M12 plug, 5-pin
L+
M
QPNP
Teach-in
Alarm
1
3
2
4
5
Recommended accessories
Other models and accessories
www.sick.de/WLG
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Reflectors
Rectangular, self-adhesive, 146 mm x 14 mm, PMMA/ABS, self-adhesive
PL150
5315548
Rectangular, screw connection, 175 mm x 34 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL180E01
1013289
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865


Similar Part No. - WLG12-P537

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLG12-P1 OMRON-WLG12-P1 Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLG12-P1-N OMRON-WLG12-P1-N Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - WLG12-P537

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG12-V537 SICK-WLG12-V537 Datasheet
966Kb / 6P
   Retro-reflective light grid
WLG12-G137 SICK-WLG12-G137 Datasheet
965Kb / 6P
   Retro-reflective light grid
logo
Festo Corporation.
8075672 FESTO-8075672 Datasheet
94Kb / 2P
   Retro-reflective sensor
537713 FESTO-537713 Datasheet
92Kb / 2P
   Retro-reflective sensor
7/13/22
537683 FESTO-537683 Datasheet
90Kb / 2P
   Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
   Retro-reflective sensor
7/13/22
537686 FESTO-537686 Datasheet
105Kb / 2P
   Retro-reflective sensor
7/13/22
537700 FESTO-537700 Datasheet
106Kb / 2P
   Retro-reflective sensor
7/13/22
537716 FESTO-537716 Datasheet
106Kb / 2P
   Retro-reflective sensor
7/13/22
8075666 FESTO-8075666 Datasheet
94Kb / 2P
   Retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com