Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6050067 Datasheet(PDF) 5 Page - SICK AG

Part # 6050067
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6050067 Datasheet(HTML) 5 Page - SICK AG

  6050067 Datasheet HTML 1Page - SICK AG 6050067 Datasheet HTML 2Page - SICK AG 6050067 Datasheet HTML 3Page - SICK AG 6050067 Datasheet HTML 4Page - SICK AG 6050067 Datasheet HTML 5Page - SICK AG 6050067 Datasheet HTML 6Page - SICK AG 6050067 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FLG4-20012021 | FLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5
Concept of operation
T
S
Setting key lock
Locking:
After the last setting, the
frame waits 15 minutes then
locks the potentiometer.
When the potentiometers are
locked, the red LED flashes
every time you turn any button.
T
S
< 4 s
Unlocking:
1 To unlock the potentiometers,
turn the mode button on the
“Stat. NO” position.
2 Turn in less than 4 seconds,
on the “Dyn. NO”
position.
The potentiometers are then
unlocked and the settings are
updated with the current
position of the potentiometers.
1
2
Notice:
If the mode button is already
in the “Stat. NO” position,
change mode previously and
then apply the standard
unlocking procedure.
Diagramm
All dimensions in mm (inch)
Dimensions in mm (inch)
b1
b
1 FLG2-xxx120xx
151.4 (5.96)
73.9 (2.91)
2 FLG2-xxx180xx
140.2 (5.52)
133.9 (5.27)
3 FLG2-xxx250xx
117.6 (4.63)
203.9 (8.03)
8.8
(0.35)
37.3
(1.49)
1
2
3
b
b1
4
④  Side is missing in open version


Similar Part No. - 6050067

ManufacturerPart #DatasheetDescription
logo
SICK AG
6050063 SICK-6050063 Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
6050064 SICK-6050064 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
6050066 SICK-6050066 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
6050069 SICK-6050069 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS Sender/receiver
More results

Similar Description - 6050067

ManufacturerPart #DatasheetDescription
logo
SICK AG
SPL-F280PPS2W04 SICK-SPL-F280PPS2W04 Datasheet
454Kb / 8P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S060P3PS1W00 SICK-SAS4-S060P3PS1W00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com