Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKI06075 Datasheet(PDF) 5 Page - Sanken electric

Part # DKI06075
Description  N ch Trench Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI06075 Datasheet(HTML) 5 Page - Sanken electric

  DKI06075_15 Datasheet HTML 1Page - Sanken electric DKI06075_15 Datasheet HTML 2Page - Sanken electric DKI06075_15 Datasheet HTML 3Page - Sanken electric DKI06075_15 Datasheet HTML 4Page - Sanken electric DKI06075_15 Datasheet HTML 5Page - Sanken electric DKI06075_15 Datasheet HTML 6Page - Sanken electric DKI06075_15 Datasheet HTML 7Page - Sanken electric DKI06075_15 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DKI06075
DKI06075-DS Rev.1.5
SANKEN ELECTRIC CO.,LTD.
5
Mar. 11, 2015
0
10
20
30
40
50
60
70
0
50
100
150
Ta (℃)
PD-Ta Derating
1.E-02
1.E-01
1.E+00
1.E+01
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
P.T. (sec)
TRANSIENT THERMAL RESISTANCE - PULSE WIDTH
Tc = 25℃
1shot
VDS < 10V
0.1
1
10
100
1000
0.1
1
10
100
VDS (V)
SAFE OPERATING AREA
PT=100μs
ID(pulse) MAX
PT=1ms
1 shot
Tc=25℃


Similar Part No. - DKI06075_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
DKI06075 SANKEN-DKI06075 Datasheet
375Kb / 6P
   DC-DC converters
logo
Inchange Semiconductor ...
DKI06075 ISC-DKI06075 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DKI06075_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com