Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI10198 Datasheet(PDF) 1 Page - Sanken electric

Part # EKI10198
Description  N ch Trench Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EKI10198 Datasheet(HTML) 1 Page - Sanken electric

  EKI10198_14 Datasheet HTML 1Page - Sanken electric EKI10198_14 Datasheet HTML 2Page - Sanken electric EKI10198_14 Datasheet HTML 3Page - Sanken electric EKI10198_14 Datasheet HTML 4Page - Sanken electric EKI10198_14 Datasheet HTML 5Page - Sanken electric EKI10198_14 Datasheet HTML 6Page - Sanken electric EKI10198_14 Datasheet HTML 7Page - Sanken electric EKI10198_14 Datasheet HTML 8Page - Sanken electric EKI10198_14 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
100 V, 47 A, 13.2 m
Ω Low RDS(ON)
N ch Trench Power MOSFET
EKI10198
EKI10198-DS Rev.1.3
SANKEN ELECTRIC CO.,LTD.
1
May. 29, 2014
Features
 V
(BR)DSS --------------------------------100 V (ID = 100 µA)
 I
D ---------------------------------------------------------- 47 A
 R
DS(ON) -------- 18.4 mΩ max. (VGS = 10 V, ID = 23.4 A)
 Q
g------27.1 nC (VGS = 4.5 V, VDS = 50 V, ID = 23.4 A)
 Low Total Gate Charge
 High Speed Switching
 Low On-Resistance
 Capable of 4.5 V Gate Drive
 100 % UIL Tested
 RoHS Compliant
Applications
 DC-DC converters
 Synchronous Rectification
 Power Supplies
Package
TO-220
Not to scale
Equivalent circuit
Absolute Maximum Ratings
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test conditions
Rating
Unit
Drain to Source Voltage
VDS
100
V
Gate to Source Voltage
VGS
± 20
V
Continuous Drain Current
ID
TC = 25 °C
47
A
Pulsed Drain Current
IDM
PW ≤ 100µs
Duty cycle ≤ 1 %
94
A
Continuous Source Current
(Body Diode)
IS
47
A
Pulsed Source Current
(Body Diode)
ISM
PW ≤ 100µs
Duty cycle ≤ 1 %
94
A
Single Pulse Avalanche Energy
EAS
VDD = 50 V, L = 1 mH,
IAS =11.2 A, unclamped,
RG = 4.7 Ω
Refer to Figure 1
126
mJ
Avalanche Current
IAS
23.3
A
Power Dissipation
PD
TC = 25 °C
116
W
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
− 55 to 150
°C
(1)
(2)
(3)
G
D
S
D(2)(4)
S(3)
G(1)
http://www.sanken-ele.co.jp
(4)
D


Similar Part No. - EKI10198_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EKI10198 SANKEN-EKI10198 Datasheet
252Kb / 6P
   DC-DC converters
logo
Inchange Semiconductor ...
EKI10198 ISC-EKI10198 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - EKI10198_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com