Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74-5FG5A Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-5FG5A
Description  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-5FG5A Datasheet(HTML) 1 Page - NTE Electronics

  74-5FG5A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
NEW
NEW
NEW
NEW
NEW
NEW
5
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 7486224 http://www.nteinc.com
5 x 20mm Miniature Glass
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
.205
(5.2)
F−02
.787 (20.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 10KA; 250VAC, 20A
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
1 hour max.
200%
120 seconds max.
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
−5FG100MA
100mA
F
−02
74
−5FG125MA
125mA
F
−02
74
−5FG160MA
160mA
F
−02
74
−5FG200MA
74
−5SG200MA **
200mA
F
−02
74
−5FG250MA
74
−5SG250MA **
250mA
F
−02
74
−5SG300MA **
300mA
F
−02
74
−5FG315MA
315mA
F
−02
74
−5FG400MA
74
−5SG400MA **
400mA
F
−02
74
−5FG500MA
74
−5SG500MA
500mA
F
−02
74
−5SG600MA
600mA
F
−02
74
−5FG630MA
630mA
F
−02
74
−5SG750MA
750mA
F
−02
74
−5FG800MA
74
−5SG800MA
800mA
F
−02
74
−5FG1A
74
−5SG1A
1.0A
F
−02
74
−5FG1.25A
74
−5SG1.25A
1.25A
F
−02
74
−5FG1.5A
1.5A
F
−02
74
−5FG1.6A
74
−5SG1.6A
1.6A
F
−02
74
−5FG2A
74
−5SG2A
2.0A
F
−02
74
−5FG2.5A
74
−5SG2.5A
2.5A
F
−02
74
−5FG3A
74
−5SG3A
3.0A
F
−02
74
−5FG3.15A
74
−5SG3.15A
3.15A
F
−02
74
−5FG4A
74
−5SG4A
4.0A
F
−02
74
−5FG5A
74
−5SG5A
5.0A
F
−02
74
−5SG6A
6.0A
F
−02
74
−5FG6.3A
74
−5SG6.3A
6.3A
F
−02
74
−5SG7A
7.0A
F
−02
74
−5FG8A
74
−5SG8A
8.0A
F
−02
74
−5FG10A
74
−5SG10A **
10A
F
−02
74
−5SG12.5A
12.5A
F
−02
74
−5FG15A
15A
F
−02
** Not UL Approved.
Accessories:
Description
NTE Type No.
Fuse Clips (Double Fluted)
74
−FC5
Panel Mount Fuse Holder
74
−FH5
In
−Line Fuse Holder
74
−IFH5
Fuse Block w/Clear Cover
74
−FB5


Similar Part No. - 74-5FG5A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC1.25A NTE-74-5FC1.25A Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FC1.6A NTE-74-5FC1.6A Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FC10A NTE-74-5FC10A Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FC12.5A NTE-74-5FC12.5A Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results

Similar Description - 74-5FG5A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com