Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74-LMAF25A Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-LMAF25A
Description  Long Life (1000 hrs min.) LED Indicator lights when fuse is blown
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-LMAF25A Datasheet(HTML) 1 Page - NTE Electronics

  74-LMAF25A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 7486224 http://www.nteinc.com
ATM_ID Equivalent - Low Voltage, Fast Acting,
Miniature Automotive with LED Indicator
Features
Long Life (1000 hrs min.) LED Indicator lights when fuse is blown
Miniature Blade Type
RoHS Compliant
NTE Type No.
Rated Current
Color Code
Diag No.
74
−LMAF3A
3A
Violet
F
−12
74
−LMAF5A
5A
Tan
F
−12
74
−LMAF7.5A
7.5A
Brown
F
−12
74
−LMAF10A
10A
Red
F
−12
74
−LMAF15A
15A
Blue
F
−12
74
−LMAF20A
20A
Yellow
F
−12
74
−LMAF25A
25A
Natural
F
−12
74
−LMAF30A
30A
Green
F
−12
F−12
.157 (4.0) Max
.441 (11.2)
Max
.354
(9.0)
Max
.276
(7.0)
Min
.429 (10.9)
.205
(5.2)
.110 (2.8)
.327 (8.3)
Specifications
Rated Voltage: 32V
LED Voltage Rating: 12VDC, 24VDC, 32VDC
LED Lifetime: around 1000 hours at +60 C. The resin won’t be
melted under +130 C.
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
100 hours min.
135%
0.75
− 1800 seconds
200%
0.15
− 5 seconds
350%
0.08
− 0.25 seconds
Accessories:
Description
NTE Type No.
In
−Line Fuse Holder, up to 15A
74
−IFHMA15
In
−Line Fuse Holder, up to 30A
74
−IFHMA30
In
−Line Fuse Holder w/LED Light, up to 15A
74
−IFHMAL15
In
−Line Fuse Holder w/LED Light, up to 30A
74
−IFHMAL30
ATC_ID Equivalent - Low Voltage, Fast Acting,
Automotive with LED Indicator
Features
Long Life (1000 hrs min.) LED Indicator lights when fuse is blown
RoHS Compliant
NTE Type No.
Rated Current
Color Code
Diag No.
74
−LAF3A
3A
Violet
F
−13
74
−LAF5A
5A
Tan
F
−13
74
−LAF7.5A
7.5A
Brown
F
−13
74
−LAF10A
10A
Red
F
−13
74
−LAF15A
15A
Blue
F
−13
74
−LAF20A
20A
Yellow
F
−13
74
−LAF25A
25A
Natural
F
−13
74
−LAF30A
30A
Green
F
−13
F−13
.760 (19.3)
Max
.026 (0.65)
.158
(4.02)
.575 (14.61)
Max
.494
(12.54)
Max
.243 (6.17)
Min
.750
(19.05)
Max
.207 (5.25)
.150 (3.8)
Specifications
Rated Voltage: 32V
LED Voltage Rating: 12VDC, 24VDC, 32VDC
LED Lifetime: around 1000 hours at +60 C. The resin won’t be
melted under +130 C.
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
100 hours min.
135%
0.75 seconds min.
200%
0.15 seconds min.
350%
0.08 seconds min.
Accessories:
Description
NTE Type No.
In
−Line Fuse Holder, up to 15A
74
−IFHA15
In
−Line Fuse Holder, up to 30A
74
−IFHA30
In
−Line Fuse Holder w/LED Light, up to 15A
74
−IFHAL15
In
−Line Fuse Holder w/LED Light, up to 30A
74
−IFHAL30


Similar Part No. - 74-LMAF25A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-10FC10A NTE-74-10FC10A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC12A NTE-74-10FC12A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC15A NTE-74-10FC15A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC20A NTE-74-10FC20A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
More results

Similar Description - 74-LMAF25A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S12P-20PB-R1 ETC2-RL-S12P-20PB-R1 Datasheet
373Kb / 2P
   Blue LED indicator lights up when it is operating.
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
   Blue LED indicator lights up when operating.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Schneider Electric
DFCC2V SCHNEIDER-DFCC2V_V01 Datasheet
106Kb / 3P
   Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
May 30, 2022
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
logo
Schneider Electric
DFCC3V SCHNEIDER-DFCC3V_V01 Datasheet
120Kb / 3P
   Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DF143VC SCHNEIDER-DF143VC_V01 Datasheet
162Kb / 3P
   Fuse carrier TeSys DF, 3P 50A, fuse size 14x51 mm, blown fuse indicator
May 30, 2022
DF81V SCHNEIDER-DF81V_V01 Datasheet
103Kb / 3P
   Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF222V SCHNEIDER-DF222V Datasheet
134Kb / 3P
   Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm, blown fuse indicator
DFCC1V SCHNEIDER-DFCC1V_V01 Datasheet
103Kb / 3P
   Fuse carrier TeSys DF, 1P 30A, fuse class CC, blown fuse indicator
May 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com