Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502-0405 Datasheet(PDF) 1 Page - NTE Electronics

Part # 502-0405
Description  1/2 Watt and 1/4 Watt, 6mm dia. shaft
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

502-0405 Datasheet(HTML) 1 Page - NTE Electronics

  502-0405 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66
NTE Electronics, Inc.
Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
Features
Available in Linear and Audio Taper
Switch Type Available in Both Audio and Linear Taper
Solder Lug and Combination Type Terminals
Perfect for Consumer Electronics Applications
NTE Part No.
Value
(Ohms)
Taper
Switch
Terminal Style
Diag No.
502
−0401
500
Linear
No
Combination
P9
502
−0402
1K
Linear
No
Solder Lug
P10
502
−0403
1K
Audio
Yes
Combination
P11
502
−0404
1K
Audio
No
Combination
P9
502
−0405
5K
Audio
Yes
Combination
P11
502
−0406
5K
Linear
No
Solder Lug
P10
502
−0407
5K
Audio
No
Combination
P9
502
−0408
10K
Linear
No
Solder Lug
P10
502
−0409
10K
Linear
Yes
Combination
P11
502
−0410
10K
Audio
No
Combination
P9
502
−0411
10K
Audio
Yes
Combination
P11
502
−0412
50K
Linear
No
Solder Lug
P10
502
−0413
50K
Audio
No
Combination
P9
502
−0414
50K
Audio
Yes
Combination
P11
502
−0415
100K
Linear
No
Solder Lug
P10
502
−0416
100K
Audio
No
Combination
P9
502
−0417
100K
Audio
Yes
Combination
P11
502
−0418
500K
Linear
No
Solder Lug
P10
502
−0419
500K
Linear
Yes
Combination
P11
502
−0420
500K
Audio
No
Combination
P9
502
−0421
500K
Audio
Yes
Combination
P11
502
−0422
1M
Linear
No
Solder Lug
P10
502
−0423
1M
Linear
Yes
Combination
P11
502
−0424
1M
Audio
No
Combination
P9
502
−0425
1M
Audio
Yes
Combination
P11
P11
1.181 (30.0)
M9*0.75
.236
(6.0)
.945 (24.0) Dia
.787 (20.0)
.787 (20.0)
.787 (20.0)
.256
(6.5)
.197
(5.0)
24mm Potentiometer
Potentiometer
− 1/2 Watt and 1/4 Watt,
6mm dia. shaft
P9
P10
M9*0.75
.236
(6.0)
.787 (20.0)
.969 (24.6)
.945 (24.0) Dia
.256
(6.5)
.453 (11.5)
1.181 (30.0)
.740
(18.8)
.953 (24.2) Dia
.728
(18.5)
M9*0.75
.449 (11.4)
1.181 (30.0)
.256
(6.5)
.787 (20.0)
.236
(6.0)
Specifications
Electrical
Resistance Range
− Linear Taper: 500 to 1 Meg
Resistance Range
− Audio Taper: 1K to 1 Meg
Resistance Tolerance:
20%
Sliding Noise: less than 47mV
Residual Resistance:
20
(R > 10K)
10
(R
10K)
Insulation Resistance: more than 100 Meg
at 500VDC
Switch Contact Resistance: less than 0.3
Operating Voltage: 250VAC
Rated Power
− Linear Taper: 0.5W
Rated Power
− Audio Taper: 0.25W
Switch Rated Power: 125VAC at 1A
Withstand Voltage: 1 minute at 500VAC
Mechanical
Total Rotation Angle: 300
10
Switch Angle: 50
5
Rotation Torque: 30gf.cm to 200gf.cm
Switch Action: 150gf.cm to4350gf.cm
Rotation Stopper Strength: 5Kgf.cm Min
Shaft Push
−Pull Strength: 7Kgf. Min
Rotation Life: 15,000 cycles
Switch Life: 10,000 cycles
Mounting Hole: .312” (7.9mm) dia,
Environmental
Operating Temperature:
−10 C to +70 C
Resistance to Soldering Heat: 260 C for 3 seconds


Similar Part No. - 502-0405

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
502-0301 NTE-502-0301 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0302 NTE-502-0302 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0303 NTE-502-0303 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0304 NTE-502-0304 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0305 NTE-502-0305 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
More results

Similar Description - 502-0405

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
KU2041S28 NTE-KU2041S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
502-0301 NTE-502-0301 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
logo
List of Unclassifed Man...
RV4LAYSA153A ETC2-RV4LAYSA153A Datasheet
152Kb / 3P
   Precision Series K - 2 Watt 1/4 shaft diameter
logo
SparkFun Electronics
ROB-12211 SPARKFUN-ROB-12211 Datasheet
196Kb / 1P
   Shaft Coupler - 1/4 to 6mm
1/15/2016
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
   1/2 WATT
logo
TT Electronics.
OVSPXBCR44 TTELEC-OVSPXBCR44 Datasheet
1Mb / 11P
   1-Watt SMD 6mm With Dome Lens
logo
OPTEK Technologies
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
   1-Watt SMD 6mm With Dome Lens
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
   1/2 WATT METAL
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
   3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com