Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25898 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898
Description  I2C Controlled Single Cell 4-A Fast Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25898 Datasheet HTML 3Page - Texas Instruments BQ25898 Datasheet HTML 4Page - Texas Instruments BQ25898 Datasheet HTML 5Page - Texas Instruments BQ25898 Datasheet HTML 6Page - Texas Instruments BQ25898 Datasheet HTML 7Page - Texas Instruments BQ25898 Datasheet HTML 8Page - Texas Instruments BQ25898 Datasheet HTML 9Page - Texas Instruments BQ25898 Datasheet HTML 10Page - Texas Instruments BQ25898 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
2.4
TYP
2 TYP
0.4 TYP
0.4 TYP
42X 0.3
0.2
B
E
A
D
4222067/A 05/2015
DSBGA - 0.625 mm max height
YFF0042
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BUMP A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
D
1
2
3
0.015
C A
B
E
5
4
F
G
SYMM
SYMM
6
SCALE 4.500
D: Max =
E: Max =
2.79mm, Min = 2.85mm
2.50mm, Min = 2.56mm


Similar Part No. - BQ25898

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFR TI1-BQ25898CYFFR Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFT TI1-BQ25898CYFFT Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results

Similar Description - BQ25898

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com