Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294706DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294706DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294706DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ294706DSGR Datasheet HTML 7Page - Texas Instruments BQ294706DSGR Datasheet HTML 8Page - Texas Instruments BQ294706DSGR Datasheet HTML 9Page - Texas Instruments BQ294706DSGR Datasheet HTML 10Page - Texas Instruments BQ294706DSGR Datasheet HTML 11Page - Texas Instruments BQ294706DSGR Datasheet HTML 12Page - Texas Instruments BQ294706DSGR Datasheet HTML 13Page - Texas Instruments BQ294706DSGR Datasheet HTML 14Page - Texas Instruments BQ294706DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OUT
VDD
VSS
1
3
2
6
4
5
I
IN4
I
IN3
I
IN2
I
DD
V3
V1
V2
7
8
V4
I
IN1
CD
I
CELL
I
CELL = IDD + IIN1 + I IN2 + IIN3 + I IN4
V(OUT)
V(VCELL)
OV Condition
≤ 170 ms
V(CD)
CD pin held low
11
bq2947
www.ti.com
SLUSB15E – SEPTEMBER 2012 – REVISED FEBRUARY 2016
Product Folder Links: bq2947
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 10 shows the timing for the Customer Test Mode.
Figure 10. Timing for Customer Test Mode
Figure 11 shows the measurement for current consumption of the product for both VDD and Vx.
Figure 11. Configuration for IC Current Consumption Test


Similar Part No. - BQ294706DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294706DSGR TI1-BQ294706DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294706DSGR TI-BQ294706DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294706DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com