Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29718DSER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29718DSER
Description  Cost-Effective Voltage and Current Protection Integrated Circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29718DSER Datasheet(HTML) 1 Page - Texas Instruments

  BQ29718DSER Datasheet HTML 1Page - Texas Instruments BQ29718DSER Datasheet HTML 2Page - Texas Instruments BQ29718DSER Datasheet HTML 3Page - Texas Instruments BQ29718DSER Datasheet HTML 4Page - Texas Instruments BQ29718DSER Datasheet HTML 5Page - Texas Instruments BQ29718DSER Datasheet HTML 6Page - Texas Instruments BQ29718DSER Datasheet HTML 7Page - Texas Instruments BQ29718DSER Datasheet HTML 8Page - Texas Instruments BQ29718DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
±4.0
±3.5
±3.0
±2.5
±2.0
±1.5
±1.0
±0.5
0.0
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C012
DOUT
COUT
V–
BAT
VSS
PACK +
PACK–
CELLN
CELLP
S
S
D
2. 2k
DSG
CHG
330
NC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
bq2970, bq2971, bq2972, bq2973
SLUSBU9C – MARCH 2014 – REVISED MARCH 2016
bq297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell
Li-Ion and Li-Polymer Batteries
1
1 Features
1
Input Voltage Range Pack+: VSS – 0.3 V to 12 V
FET Drive:
CHG and DSG FET Drive Output
Voltage Sensing Across External FETs for
Overcurrent Protection (OCP) Is Within ± 5 mV
(Typical)
Fault Detection
Overcharge Detection (OVP)
Over-Discharge Detection (UVP)
Charge Overcurrent Detection (OCC)
Discharge Overcurrent Detection (OCD)
Load Short-Circuit Detection (SCP)
Zero Voltage Charging for Depleted Battery
Factory Programmed Fault Protection Thresholds
Fault Detection Voltage Thresholds
Fault Trigger Timers
Fault Recovery Timers
Modes of Operation Without Battery Charger
Enabled
NORMAL Mode ICC = 4 µA
Shutdown Iq = 100 nA
Operating Temperature Range TA = –40°C to
+85°C
Package:
6-Pin DSE (1.50 mm × 1.50 mm × 0.75 mm)
2 Applications
Tablet PC
Mobile Handset
Handheld Data Terminals
3 Description
The bq2970 battery cell protection device provides an
accurate monitor and trigger threshold for overcurrent
protection
during
high
discharge/charge
current
operation or battery overcharge conditions.
The bq2970 device provides the protection functions
for Li-Ion/Li-Polymer cells, and monitors across the
external power FETs for protection due to high
charge or discharge currents. In addition, there is
overcharge and depleted battery monitoring and
protection. These features are implemented with low
current consumption in NORMAL mode operation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq2970, bq2971,
bq2972, bq2973 (2)
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) For available released devices, see the Released Device
Configurations table.
Simplified Schematic
OCD Detection Accuracy Versus Temperature


Similar Part No. - BQ29718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29718DSER TI1-BQ29718DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI1-BQ29718DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI-BQ29718DSER Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI-BQ29718DSER Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
More results

Similar Description - BQ29718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2970_1806 TI1-BQ2970_1806 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V01 Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V02 Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com