Electronic Components Datasheet Search |
|
LQW18AN56NG00B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQW18AN56NG00B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQW18AN56NG00# # indicates a package specification code. < List of part numbers with package codes > LQW18AN56NG00D , LQW18AN56NG00J , LQW18AN56NG00B Shape L size 1.6 ±0.2mm W size 0.8 ±0.2mm T size 0.8 ±0.2mm Size code in inch (mm) 0603 (1608) Specifications Inductance 56nH ±2% Inductance test frequency 100MHz Rated current (Itemp) (Based on Temperature rise) 360mA Max. of DC resistance 0.35Ω Q (min.) 38 Q test frequency 200MHz Self resonance frequency (min.) 2400MHz Operating temperature range (Self-temperature rise is not included) -55∼125℃ References Packaging code Specifications Minimum quantity φ180mm Paper taping 4000 φ330mm Paper taping 10000 Packing in bulk 500 Mass (Typ.) 1 piece 0.003g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/01/11 |
Similar Part No. - LQW18AN56NG00B |
|
Similar Description - LQW18AN56NG00B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |