Electronic Components Datasheet Search |
|
381LX273M035A052 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
381LX273M035A052 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 11 page CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum High Ripple, Long Life, 2,4 and 5 pin styles available 0 20 40 60 80 100 120 140 160 180 200 -10 0 10 20 30 40 50 60 0 500 1000 1500 2000 Hours @ Rated Max Temp, Voltage, Ripple Life Test Data 381LX221M250J012Capacitance, DF, Leakage Current DF DCL C 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 Rated Ripple-Current Multiple Type 381L/LX Operating Life in Kilohoursvs Ripple Current 45 ºC 55 ºC 65 ºC 75 ºC 85 ºC 95 ºC 105 ºC Typical Performance Curves 0 20 40 60 80 100 120 140 -10 0 10 20 30 40 50 60 0 500 1000 1500 2000 Hours @ Rated Max Temp, Voltage, Ripple Life Test Data 381LX680M450J022 Capacitance, DF, Leakage Current DF DCL C Case Code DIAMETER “D” LENGTH “L” Typical Weight Case Code DIAMETER “D” LENGTH “L” Typical Weight mm inches mm inches (grams) mm inches mm inches (grams) H20 22 0.87 20 0.79 14 A04 35 1.38 40 1.57 62 H01 22 0.87 25 0.98 16 A45 35 1.38 45 1.77 67 H02 22 0.87 30 1.18 19 A05 35 1.38 50 1.97 74 H03 22 0.87 35 1.38 22 A55 35 1.38 55 2.17 80 H04 22 0.87 40 1.57 24 A06 35 1.38 63 2.48 88 H45 22 0.87 45 1.77 28 A07 35 1.38 70 2.76 98 H05 22 0.87 50 1.97 31 A08 35 1.38 80 3.15 112 J20 25 0.98 20 0.79 16 A10 35 1.38 105 4.13 144 J01 25 0.98 25 0.98 20 N04 40 1.57 40 1.57 82 J02 25 0.98 30 1.18 24 N05 40 1.57 50 1.97 105 J03 25 0.98 35 1.38 27 N06 40 1.57 63 2.48 130 J04 25 0.98 40 1.57 31 N08 40 1.57 80 3.15 185 J45 25 0.98 45 1.77 35 N10 40 1.57 105 4.13 265 J05 25 0.98 50 1.97 38 E05 45 1.77 50 1.97 122 K20 30 1.18 20 0.79 25 E06 45 1.77 63 2.48 150 K01 30 1.18 25 0.98 30 E75 45 1.77 75 2.65 200 K02 30 1.18 30 1.18 35 E08 45 1.77 80 3.15 213 K03 30 1.18 35 1.38 40 E09 45 1.77 92 3.62 238 K04 30 1.18 40 1.57 44 E10 45 1.77 105 4.13 299 K45 30 1.18 45 1.77 48 B05 50 1.97 50 1.97 136 K05 30 1.18 50 1.97 53 B06 50 1.97 63 2.48 168 A20 35 1.38 20 0.79 35 B08 50 1.97 80 3.15 239 A01 35 1.38 25 0.98 42 B09 50 1.97 92 3.62 241 A02 35 1.38 30 1.18 48 B10 50 1.97 105 4.13 325 A03 35 1.38 35 1.38 54 Insulated Case Dimensions Life Test Data 220 µF/250V Capacitance, DF, Leakage Current Life Test Data 68 µF/450V Capacitance, DF, Leakage Current |
Similar Part No. - 381LX273M035A052 |
|
Similar Description - 381LX273M035A052 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |