Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383L333M035N062 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 383L333M035N062
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383L333M035N062 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  383L333M035N062 Datasheet HTML 1Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 2Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383L333M035N062 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
@ +25°C
Ripple Amps
@ +105°C
Nominal
Size
120 Hz
(ohms)
20 kHz
(ohms)
120 Hz
(A)
20 kHz
(A)
D x L
(mm)
25 Vdc (32 Vdc Surge)
68000
383L683M025N082
0.009
0.007
8.70
10.20
40 x 80
82000
383LX823M025N082
0.014
0.011
8.70
10.00
40 x 80
82000
383LX823M025B052V
0.016
0.015
9.20
10.58
50 x 50
100000
383LX104M025N102
0.012
0.010
9.76
11.22 40 x 105
100000
383LX104M025B062V
0.015
0.013
10.02
11.52
50 x 63
120000
383LX124M025B082V
0.013
0.012
10.93
12.57
50 x 80
150000
383LX154M025B092V
0.012
0.011
11.70
13.46
50 x 92
180000
383LX184M025B102V
0.010
0.009
12.42
14.28 50 x 105
35 Vdc (44 Vdc Surge)
1500
381LX152M035H012
0.287
0.216
1.10
1.30
22 x 25
2200
381LX222M035H012
0.200
0.150
1.40
1.60
22 x 25
3300
381LX332M035H012
0.121
0.091
1.90
2.20
22 x 25
3300
381LX332M035K202
0.130
0.100
1.70
2.00
30 x 20
3900
381LX392M035H012
0.110
0.080
2.00
2.30
22 x 25
4700
381LX472M035H022
0.090
0.070
2.20
2.50
22 x 30
4700
381LX472M035J012
0.090
0.070
2.20
2.50
25 x 25
5600
381LX562M035H032
0.071
0.054
2.40
2.80
22 x 35
5600
381LX562M035J012
0.041
0.054
2.40
2.80
25 x 25
6800
381LX682M035J022
0.073
0.055
2.60
2.99
25 x 30
6800
381LX682M035K022
0.059
0.045
2.60
3.00
30 x 30
8200
381LX822M035J022
0.049
0.037
2.90
3.30
25 x 30
8200
381LX822M035A012
0.049
0.037
2.90
3.30
35 x 25
10000
381LX103M035J032
0.050
0.037
3.20
3.68
25 x 35
10000
381LX103M035J452
0.040
0.030
3.20
3.70
25 x 45
10000
381LX103M035A022
0.040
0.030
3.20
3.70
35 x 30
12000
381LX123M035J042
0.041
0.031
3.50
4.03
25 x 40
12000
381LX123M035J052
0.033
0.025
3.50
4.00
25 x 50
12000
381LX123M035A022
0.033
0.025
3.50
4.00
35 x 30
15000
381LX153M035K042
0.033
0.025
3.90
4.49
30 x 40
15000
381LX153M035K452
0.030
0.020
3.90
4.50
30 x 45
15000
381LX153M035A032
0.030
0.020
3.90
4.50
35 x 35
18000
381LX183M035K452
0.028
0.021
4.30
4.95
30 x 45
22000
381LX223M035A052
0.023
0.017
5.00
5.80
35 x 50
22000
383LX223M035N042
0.023
0.017
5.00
5.75
40 x 40
27000
381LX273M035A052
0.018
0.014
5.30
6.10
35 x 50
27000
383LX273M035N052
0.020
0.015
5.45
6.25
40 x 50
33000
383L333M035N062
0.019
0.014
6.60
7.60
40 x 63
39000
381LX393M035A052
0.017
0.014
6.50
7.50
35 x 50
47000
383L473M035N082
0.018
0.013
7.80
9.00
40 x 80
47000
383LX473M035B052V
0.021
0.016
8.25
9.49
50 x 50
56000
383LX563M035B062V
0.019
0.014
9.07
10.43
50 x 63
68000
383LX683M035N102
0.016
0.012
9.27
10.66 40 x 105
Cap.
(µF)
Catalog
Part Number
Max. ESR
@ +25°C
Ripple Amps
@ +105°C
Nominal
Size
120 Hz
(ohms)
20 kHz
(ohms)
120 Hz
(A)
20 kHz
(A)
D x L
(mm)
35 Vdc (44 Vdc Surge)
68000 383LX683M035B082V 0.017
0.013
10.07
11.58
50 x 80
82000 383LX823M035B092V 0.015
0.011
10.89
12.52
50 x 92
100000 383LX104M035B102V 0.013
0.010
11.75
13.51 50 x 105
50 Vdc (63 Vdc Surge)
1000
381LX102M050H202 0.260
0.200
0.90
1.00
22 x 20
1500
381LX152M050H012 0.155
0.120
1.25
1.45
22 x 25
1800
381LX182M050H012 0.129
0.097
1.50
1.70
22 x 25
2200
381LX222M050H012 0.129
0.097
1.50
1.70
22 x 25
2700
381LX272M050H012 0.154
0.115
1.80
2.07
22 x 25
2700
381LX272M050J012
0.086
0.064
1.80
2.10
25 x 25
3300
381LX332M050H012 0.126
0.094
2.00
2.30
22 x 25
3300
381LX332M050J022
0.070
0.053
2.00
2.30
25 x 30
3900
381LX392M050J012
0.106
0.080
2.20
2.53
25 x 25
3900
381LX392M050K012
0.065
0.050
2.20
2.50
30 x 25
4700
381LX472M050J022
0.053
0.040
2.50
2.90
25 x 30
4700
381LX472M050A012
0.053
0.040
2.50
2.90
35 x 25
5600
381LX562M050J032
0.074
0.056
2.80
3.22
25 x 35
5600
381LX562M050A022
0.050
0.038
2.80
3.20
35 x 30
6800
381LX682M050H452 0.061
0.046
3.30
3.80
22 x 45
6800
381LX682M050A022
0.046
0.035
3.30
3.80
35 x 30
8200
381LX822M050K452
0.051
0.038
3.60
4.10
30 x 45
8200
381LX822M050A032
0.040
0.030
3.60
4.10
35 x 35
10000
381LX103M050J052
0.041
0.031
4.00
4.60
25 x 50
10000
381LX103M050K052
0.033
0.025
4.00
4.60
30 x 50
10000
381LX103M050A042
0.033
0.025
4.00
4.60
35 x 40
12000
381LX123M050A452
0.028
0.021
4.50
5.20
35 x 45
12000
383L123M050N042
0.029
0.018
3.80
4.80
40 x 40
15000
381LX153M050K452
0.028
0.022
4.80
5.52
30 x 45
15000
383LX153M050N042 0.022
0.018
4.80
5.52
40 x 40
15000
383L153M050N052
0.021
0.013
4.90
6.10
40 x 50
18000
381LX183M050A452
0.023
0.018
5.60
6.44
35 x 45
18000
383L183M050N062
0.017
0.011
5.80
7.20
40 x 63
22000
383LX223M050N052 0.016
0.013
5.10
5.90
40 x 50
27000
383LX273M050N062 0.015
0.012
6.05
6.96
40 x 63
27000
383L273M050N082
0.013
0.009
7.40
9.00
40 x 80
33000 383LX333M050B052V 0.018
0.014
7.75
8.91
50 x 50
39000
383LX393M050N082 0.013
0.010
6.20
7.10
40 x 80
39000 383LX393M050B062V 0.016
0.013
8.40
9.66
50 x 63
47000
383LX473M050N102 0.012
0.010
8.18
9.41
40 x 105
47000 383LX473M050B082V 0.014
0.011
9.19
10.57
50 x 80
56000 383LX563M050B092V 0.012
0.009
9.79
11.26
50 x 92
68000 383LX683M050B102V 0.011
0.009
10.40
12.00 50 x 105


Similar Part No. - 383L333M035N062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383L333M035N062 ETC2-383L333M035N062 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
383L333M035N062 CDE-383L333M035N062 Datasheet
409Kb / 10P
   High-Ripple Snap-In
383L333M035N062 CDE-383L333M035N062 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383L333M035N062 CDE-383L333M035N062 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383L333M035N062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com