Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEP1WB1433D Datasheet(PDF) 1 Page - Sanken electric

Part # SEP1WB1433D
Description  High Luminous Intensity, RoHS compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEP1WB1433D Datasheet(HTML) 1 Page - Sanken electric

  SEP1WB1433D Datasheet HTML 1Page - Sanken electric SEP1WB1433D Datasheet HTML 2Page - Sanken electric SEP1WB1433D Datasheet HTML 3Page - Sanken electric SEP1WB1433D Datasheet HTML 4Page - Sanken electric SEP1WB1433D Datasheet HTML 5Page - Sanken electric SEP1WB1433D Datasheet HTML 6Page - Sanken electric SEP1WB1433D Datasheet HTML 7Page - Sanken electric SEP1WB1433D Datasheet HTML 8Page - Sanken electric SEP1WB1433D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LED Data Sheet - SEP1WB1433D
SEP1WB1433D
● External Shape Type : 3.5×2.8 Flat View LED
● Color : White
● Lens color : Yellow
● Material of a chip : InGaN
● Application : Automotive, Consumer Electronics, Office Automation, Indicator
● Feature : High Luminous Intensity, RoHS compliant,
Compatible with heat-resistance of lead-free solder.
●最大定格 
項 目
記 号
単 位
Power dissipation
PD
mW
Forward current
IF
mA
Forward current
reduction
⊿IF
mA/℃
Pulse forward
current
IFP
mA
Reverse voltage
IR
mA
Operating temperature
Topr
Storage temperature
Tstg
●Photoelectric characteristic  (Ta=25℃)
Description
Symbol
Min
Typ
Max
Unit
Forward voltage
VF
3.2
3.8
V
Reverse current
VR
0.8
V
Luminous intensity
IV
1710
2200
mcd
Chromaticity
x
y
x=0.305
y=0.298
Colour rendering
property
Ra
65
Color temperature CCT
7400
K
Directional angle
1/2
120
deg.
●Luminous intensity rank (Ta=25℃)
D
1710
2520
E
2280
●波長ランク  (Ta=25℃) 選別公差:±2nm
ランク
rank
Y
588
591
    SANKEN ELECTRIC COMPANY, LTD.
rank
Luminous intensity
range(mcd)
-0.45
120
f=1kHz
tw≦100μs
Avobe25℃
30
IR=1mA
IF = 20mA
Conditions
IF = 20mA
IF = 20mA
定 格
70
備 考
IF = 20mA
-30~ 85
1
-30~100
IF = 20mA
IF = 20mA
波長範囲(nm)
Dominant Wavelengs range
Page 1 / 12


Similar Part No. - SEP1WB1433D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEP1WB1410DA SANKEN-SEP1WB1410DA Datasheet
726Kb / 11P
   3.5횞2.8 Flat View LED
More results

Similar Description - SEP1WB1433D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEP191404 SANKEN-SEP191404 Datasheet
228Kb / 10P
   High Luminous Intensity, RoHS compliant
SECU1R0EC-S SANKEN-SECU1R0EC-S Datasheet
180Kb / 10P
   High Luminous Intensity, RoHS compliant
SEP181406A SANKEN-SEP181406A Datasheet
196Kb / 10P
   High Luminous Intensity, RoHS compliant
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com