Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS110A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS110A
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS110A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS110A Datasheet HTML 1Page - Vectron International, Inc TFS110A Datasheet HTML 2Page - Vectron International, Inc TFS110A Datasheet HTML 3Page - Vectron International, Inc TFS110A Datasheet HTML 4Page - Vectron International, Inc TFS110A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 110a.doc
Version 1.3
14.01.2005
VI TELEFILTER
Filter specification
TFS 110A
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
225
Ω ⎟⎢ - 2,3 pF.
Output:
225
Ω ⎟⎢ - 2,3 pF.
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 110 MHz without any tolerance or limit.
The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
3,1
dB
max.
5
dB
Nominal frequency
fN
-
110
MHz
Passband
PB
-
fN
±
2
MHz
Absolute attenuation
aabs
fN
-
110
MHz … fN
-
10
MHz
46
dB
min.
40
dB
fN
-
10
MHz … fN
-
7
MHz
55
dB
min.
35
dB
fN
-
7
MHz … fN
-
4
MHz
18
dB
min.
13
dB
fN
+
8
MHz … fN
+
12
MHz
25
dB
min.
20
dB
fN
+
12
MHz … fN
+
190
MHz
40
dB
min.
40
dB
Input power level
-
max.
20
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85
°C
Storage temperature range
-
- 40 °C ... + 85
°C
Temperature coefficient of frequency
TCf **
-78
ppm/K
-
*) The terminating impedances and insertion loss depend on parasitics and q-values of matching elements and the board used, and are to be understood
as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fCat (MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS110A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS110AA VECTRON-TFS110AA Datasheet
144Kb / 5P
   Filter specification
TFS110AB VECTRON-TFS110AB Datasheet
142Kb / 5P
   Filter specification
TFS110AC VECTRON-TFS110AC Datasheet
192Kb / 5P
   Filter specification
TFS110AD VECTRON-TFS110AD Datasheet
99Kb / 5P
   Filter specification
More results

Similar Description - TFS110A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com