Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4028EM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4028EM
Description  Fast Switching Characteristic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4028EM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4028EM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4028EM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4028EM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4028EM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4028EM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4028EM Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP4028EM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
10
20
30
40
50
60
012
345
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
8.0V
7.0V
6.0V
5.0V
V G = 4.0V
0
10
20
30
40
50
012
345
V DS , Drain-to-Source Voltage (V)
10V
8.0V
7.0V
6.0V
5.0V
V G = 4.0V
T A = 150
o C
6
8
10
12
14
16
24
68
10
V GS , Gate-to-Source Voltage (V)
I D =6A
T A =25
o C
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =12 A
V G =10V
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =250uA
.


Similar Part No. - AP4028EM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4028EH A-POWER-AP4028EH Datasheet
119Kb / 6P
   Fast Switching Characteristic
AP4028EJB A-POWER-AP4028EJB Datasheet
75Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4028EP A-POWER-AP4028EP Datasheet
76Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4028EYT A-POWER-AP4028EYT Datasheet
72Kb / 6P
   Simple Drive Requirement
More results

Similar Description - AP4028EM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com