Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSK389 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSK389
Description  ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK389 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSK389_14 Datasheet HTML 1Page - Linear Integrated Systems LSK389_14 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201122 5/02/2014 Rev#A7 ECN# LSK389
FEATURES
ULTRA LOW NOISE
en = 0.9nV/
√Hz (typ)
TIGHT MATCHING
IVGS1-2I = 20mV max
HIGH BREAKDOWN VOLTAGE
BVGSS = 40V max
HIGH GAIN
Gfs = 20mS (typ)
LOW CAPACITANCE
25pF typ
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SK389
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150°C
Junction Operating Temperature
-55 to +135°C
Maximum Power Dissipation
Continuous Power Dissipation @ +25°C
400mW
Maximum Currents
Gate Forward Current
IG(F) = 10mA
Maximum Voltages
Gate to Source
VGSS = 40V
Gate to Drain
VGDS = 40V
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
GS2
GS1
V
V
Differential Gate to Source Cutoff
Voltage
20
m
V
VDS = 10V, ID = 1mA
DSS2
DSS1
I
I
Gate to Source Saturation Current Ratio
0.9
---
VDS = 10V, VGS = 0V
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-40
V
VDS = 0, ID = -100µA
VGS(OFF)
Gate to Source Pinch-off Voltage
-0.15
-2
V
VDS = 10V, ID = 0.1µA
IDSS
Drain to Source Saturation
Current
LSK389A
2.6
6.5
mA
VDS = 10V, VGS = 0
LSK389B
6
12
LSK389C
10
20
LSK389D
17
30
IGSS
Gate to Source Leakage Current
-200
pA
VGS = -30V, VDS = 0
IG1G2
Gate to Gate Isolation Current
±1.0
µA
VG1-G2 = ±45V, ID = IS = 0A
LSK389
ULTRA LOW NOISE
MONOLITHIC DUAL
N-CHANNEL JFET AMPLIFIER
TO-71
Top View
SOIC-A
Top View
* For equivalent single version, see LSK170 family
Note: All MIN/TYP/MAX limits are absolute numbers. Negative signs indicate electrical polarity only.


Similar Part No. - LSK389_14

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK389-A-71 LINEAR-LSK389-A-71 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
LSK389-A-SOIC-8 LINEAR-LSK389-A-SOIC-8 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
LSK389-B-71 LINEAR-LSK389-B-71 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
LSK389-B-SOIC-8 LINEAR-LSK389-B-SOIC-8 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
LSK389-C-71 LINEAR-LSK389-C-71 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
More results

Similar Description - LSK389_14

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
   ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
   ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
   Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
LS843-5 LINEAR-LS843-5 Datasheet
32Kb / 2P
   ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
   LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
   IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
   DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com