Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383LX392M250N102 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 383LX392M250N102
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX392M250N102 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  383LX392M250N102 Datasheet HTML 1Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX392M250N102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Ratings
Cap.
(µF)
Catalog
Part Number
Max. ESR
@ +25°C
Ripple Amps
@ +105°C
Nominal
Size
120 Hz
(ohms)
20 kHz
(ohms)
120 Hz
(A)
20 kHz
(A)
D x L
(mm)
10 Vdc (13 Vdc Surge)
4700 381LX472M010H012 0.159
0.135
0.85
0.98
22 x 25
6800 381LX682M010H012 0.111
0.093
1.30
1.50
22 x 25
10000 381LX103M010H012 0.075
0.063
1.80
2.10
22 x 25
12000 381LX123M010H012 0.076
0.065
2.20
2.63
22 x 25
15000 381LX153M010H012 0.076
0.065
2.20
2.53
22 x 25
18000 381LX183M010H022 0.051
0.043
2.40
2.76
22 x 30
22000 381LX223M010H032 0.041
0.035
2.60
2.99
22 x 35
27000 381LX273M010J032
0.034
0.029
3.10
3.57
25 x 35
33000 381LX333M010J042
0.028
0.023
3.40
3.91
25 x 40
39000 381LX393M010K032 0.026
0.023
3.70
4.26
30 x 35
39000 381LX393M010A022 0.025
0.020
3.70
4.30
35 x 30
47000 381LX473M010K032 0.024
0.022
4.20
4.83
30 x 35
56000 381LX563M010K042 0.023
0.021
5.00
5.75
30 x 40
68000 381LX683M010K452 0.022
0.019
5.40
6.21
30 x 45
68000 383LX683M010N042 0.023
0.022
5.40
6.20
40 x 40
82000 383LX823M010N052 0.018
0.017
7.40
8.50
40 x 50
120000 383L124M010N062
0.012
0.008
7.10
8.60
40 x 63
150000 383L154M010N082
0.009
0.006
8.90
10.60
40 x 80
16 Vdc (20 Vdc Surge)
3300 381LX332M016H012 0.213
0.170
1.30
1.50
22 x 25
4700 381LX472M016H012 0.150
0.120
1.60
1.80
22 x 25
6800 381LX682M016H012 0.090
0.067
2.20
2.50
22 x 25
6800
381LX682M016J202
0.110
0.092
1.80
2.10
25 x 20
8200 381LX822M016H012 0.110
0.092
1.80
2.10
22 x 25
10000 381LX103M016H012 0.075
0.063
2.60
2.99
22 x 25
10000 381LX103M016J012
0.120
0.086
2.60
3.00
25 x 25
12000 381LX123M016H022 0.062
0.053
2.90
3.34
22 x 30
15000 381LX153M016J022
0.046
0.307
3.20
3.70
25 x 30
15000 381LX153M016J032
0.080
0.064
3.20
3.70
25 x 35
15000 381LX153M016K022 0.080
0.064
3.20
3.70
30 x 30
18000 381LX183M016H032 0.041
0.035
3.50
4.03
22 x 35
22000 381LX223M016H042 0.034
0.029
3.80
4.37
22 x 40
22000 381LX223M016J452
0.033
0.028
3.80
4.40
25 x 45
27000 381LX273M016H052 0.028
0.023
4.20
4.83
22 x 50
27000 381LX273M016J052
0.030
0.025
4.20
4.80
25 x 50
27000 381LX273M016K022 0.028
0.023
4.20
4.83
30 x 30
33000 381LX333M016K032 0.023
0.020
4.70
5.41
30 x 35
33000 381LX333M016K452 0.023
0.020
4.70
5.40
30 x 45
39000 381LX393M016K042 0.022
0.020
5.10
5.87
30 x 40
47000 381LX473M016K452 0.021
0.019
5.50
6.33
30 x 45
47000 381LX473M016A452 0.020
0.018
5.50
6.30
35 x 45
Cap.
(µF)
Catalog
Part Number
Max. ESR
@ +25°C
Ripple Amps
@ +105°C
Nominal
Size
120 Hz
(ohms)
20 kHz
(ohms)
120 Hz
(A)
20 kHz
(A)
D x L
(mm)
16 Vdc (20 Vdc Surge)
47000
383LX473M016N042
0.020
0.018
5.50
6.33
40 x 40
56000
381LX563M016A452
0.020
0.018
6.00
6.90
35 x 45
68000
381LX683M016A452
0.020
0.018
6.50
7.50
35 x 45
68000
383LX683M016N052
0.015
0.014
7.30
8.40
40 x 50
82000
383LX823M016N062
0.017
0.013
7.70
8.80
40 x 63
100000
381LX104M016A082
0.015
0.013
8.00
9.20
35 x 80
120000
381LX124M016A082
0.015
0.013
8.50
9.50
35 x 80
120000
383LX124M016N082
0.014
0.012
8.80
10.10
40 x 80
120000 383LX124M016B052V
0.015
0.014
9.02
10.37
50 x 50
150000
383LX154M016N102
0.013
0.012
9.88
11.36
40 x 105
150000 383LX154M016B062V
0.014
0.013
10.15
11.67
50 x 63
180000 383LX184M016B082V
0.013
0.012
11.02
12.67
50 x 80
220000 383LX224M016B092V
0.012
0.011
11.71
13.47
50 x 92
250000 383LX254M016B102V
0.011
0.010
12.31
14.16
50 x 105
25 Vdc (32 Vdc Surge)
2200
381LX222M025H202
0.240
0.180
1.30
1.50
22 x 20
3300
381LX332M025H012
0.160
0.120
1.60
1.80
22 x 25
4700
381LX472M025H012
0.105
0.080
2.00
2.30
22 x 25
5600
381LX562M025H012
0.090
0.070
2.20
2.50
22 x 25
6800
381LX682M025H022
0.085
0.064
2.40
2.76
22 x 30
6800
381LX682M025J012
0.070
0.055
2.40
2.80
25 x 25
8200
381LX822M025H022
0.071
0.053
2.70
3.11
22 x 30
10000
381LX103M025J022
0.058
0.044
3.00
3.45
25 x 30
12000
381LX123M025J022
0.048
0.036
3.20
3.68
25 x 30
12000
381LX123M025A012
0.044
0.033
3.20
3.70
35 x 25
15000
381LX153M025J032
0.039
0.029
3.60
4.14
25 x 35
15000
381LX153M025J452
0.036
0.031
3.60
4.10
25 x 45
15000
381LX153M025A022
0.036
0.031
3.60
4.10
35 x 30
18000
381LX183M025J042
0.032
0.024
3.90
4.49
25 x 40
18000
381LX183M025J052
0.030
0.027
3.90
4.50
25 x 50
22000
381LX223M025J452
0.026
0.020
4.30
4.95
25 x 45
22000
381LX223M025K452
0.025
0.022
4.30
4.90
30 x 45
22000
381LX223M025A032
0.030
0.026
4.30
4.90
35 x 35
27000
381LX273M025K042
0.021
0.019
4.80
5.50
30 x 40
27000
383L273M025N042
0.020
0.013
4.60
5.60
40 x 40
33000
381LX333M025K452
0.018
0.014
5.50
6.33
30 x 45
33000
383LX333M025N042
0.018
0.016
5.50
6.33
40 x 40
39000
383L393M025N052
0.015
0.010
5.80
7.00
40 x 50
47000
381LX473M025A052
0.017
0.015
6.50
4.25
35 x 50
47000
383LX473M025N052
0.015
0.014
6.50
7.40
40 x 50
47000
383L473M025N062
0.012
0.008
6.90
8.30
40 x 63
56000
383LX563M025N062
0.015
0.012
7.20
8.25
40 x 63


Similar Part No. - 383LX392M250N102

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
383LX392M250N102 CDE-383LX392M250N102 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX392M250N102 CDE-383LX392M250N102 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX392M250N102

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com