Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS140BC Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS140BC
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140BC Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS140BC Datasheet HTML 1Page - Vectron International, Inc TFS140BC Datasheet HTML 2Page - Vectron International, Inc TFS140BC Datasheet HTML 3Page - Vectron International, Inc TFS140BC Datasheet HTML 4Page - Vectron International, Inc TFS140BC Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: TFS140BC.doc
Version 1.1
08.07.2013
Vectron International
Filter specification
TFS 140BC
2/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
15,32 +/-0,20
1,91
7,62 +/-0,20
1,02
Date code
1
5
6
10
50 Ohm Test circuit
L1
SAW
L2
10
5
2, 3, 4, 7, 8, 9
6
1
TFS 140BC
D32
1
Input RF Return
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF Return
7
Ground
8
Ground
9
Ground
10
Input
Date code:
Year + week
D
2013
E
2014
F
2015
...
130
132
134
136
138
140
142
144
146
148
150
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
137
137.6
138.2
138.8
139.4
140
140.6
141.2
141.8
142.4
143
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
137
137.6
138.2
138.8
139.4
140
140.6
141.2
141.8
142.4
143
1.705
1.78
1.855
1.93
2.005
2.08
2.155
2.23
2.305
2.38
2.455
frequency in MHz


Similar Part No. - TFS140BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS140 ETC1-TFS140 Datasheet
68Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS1400 VECTRON-TFS1400 Datasheet
184Kb / 5P
   Vectron International Filter specification
TFS1400A VECTRON-TFS1400A Datasheet
200Kb / 5P
   Vectron International Filter specification
TFS140A VECTRON-TFS140A Datasheet
38Kb / 4P
   Filter Specification
TFS140A1 VECTRON-TFS140A1 Datasheet
73Kb / 5P
   Filter Specification
More results

Similar Description - TFS140BC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com