Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA6845MZ Datasheet(PDF) 3 Page - Sanken electric

Part # SLA6845MZ
Description  CMOS-compatible input (3.3 or 5 V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6845MZ Datasheet(HTML) 3 Page - Sanken electric

  SLA6845MZ_15 Datasheet HTML 1Page - Sanken electric SLA6845MZ_15 Datasheet HTML 2Page - Sanken electric SLA6845MZ_15 Datasheet HTML 3Page - Sanken electric SLA6845MZ_15 Datasheet HTML 4Page - Sanken electric SLA6845MZ_15 Datasheet HTML 5Page - Sanken electric SLA6845MZ_15 Datasheet HTML 6Page - Sanken electric SLA6845MZ_15 Datasheet HTML 7Page - Sanken electric SLA6845MZ_15 Datasheet HTML 8Page - Sanken electric SLA6845MZ_15 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High Voltage 3-Phase Motor Driver IC
SLA6845MZ
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
3. Electrical Characteristics
3-1. Electrical Characteristics, valid at Ta = 25°C, VCC = 15 V
Characteristics
Symbol
Remarks
Ratings
Unit
Min.
Typ.
Max.
Logic Supply Current
ICC
IREG = 0 A
4
6
mA
Bootstrap Supply Current
IBS
VBS = 15 V, HIN = 5 V
135
380
μA
Input Voltage
VIH
Output ON
2.0
2.5
V
VIL
Output OFF
1.0
1.5
V
VHYS
Hysteresis
0.5
V
Input Current
IIH
VIN = 5 V
50
100
μA
Undervoltage Lockout
(Bootstrap)
VUVHL
Between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
Between VB and U, V, or W
9.5
10.5
11.5
V
VUVhys
Between VB and U, V, or W; hysteresis
0.5
V
Undervoltage Lockout
(Logic Supply)
VUVLL
Between VCC and COM
10.0
11.0
12.0
V
VUVLH
Between VCC and COM
10.5
11.5
12.5
V
VUVhys
Between VCC and COM; hysteresis
0.5
V
FO Terminal Output Voltage
VFOL
VCC = 15 V, IFO = −1 mA
0
1.0
V
VFOH
VCC = 15 V, IFO = 1.6 mA
4.0
5.5
V
IGBT Leakage Current
ICES
VCE = 600 V, VIN = 0 V, VCC = 15 V
1
mA
IGBT Saturation Voltage
VCE(sat)
VCC = 15 V, ICE = 3 A,VIN = 5 V
1.75
2.1
V
Diode Forward Voltage
VF
VCC = 15 V, IF = 3 A,VIN = 0 V
1.65
2.0
V
Switching Time, High Side
td(on)
VBB = 300 V, VCC = 15 V, IC = 3 A,
HIN = 0→5 V or 5→0 V,
inductive load
315
ns
tr
50
trr
80
td(off)
375
tf
165
Switching Time, Low Side
td(on)
VBB = 300 V, VCC = 15 V, IC = 3 A,
LIN = 0→5 V or 5→0 V,
inductive load
395
ns
tr
60
trr
75
td(off)
395
tf
170
IN
10%
90%
td(on)
tr
ton
IC
trr
VCE
10%
90%
td(off)
t
toff
Switching Characteristics Definitions


Similar Part No. - SLA6845MZ_15

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA6845MZ ALLEGRO-SLA6845MZ Datasheet
324Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SLA6845MZ_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
logo
Texas Instruments
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74AUP1T87 TI-SN74AUP1T87 Datasheet
170Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com