Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LX821M400A062 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 381LX821M400A062
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX821M400A062 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 381LX821M400A062 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 9Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 10Page - List of Unclassifed Manufacturers 381LX821M400A062 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
420 Vdc (470 Vdc Surge)
270
381LX271M420A022
0.610
0.210
1.20
1.70
35 x 30
330
381LX331M420K452
0.500
0.200
1.35
1.90
30 x 45
330
381LX331M420A032
0.502
0.200
1.35
1.90
35 x 35
390
381LX391M420K052
0.420
0.170
1.55
2.18
30 x 50
390
381LX391M420A042
0.420
0.170
1.55
2.18
35 x 40
470
381LX471M420A452
0.350
0.141
1.75
2.45
35 x 45
470
383LX471M420N042
0.350
0.141
1.78
2.45
40 x 40
560
381LX561M420A052
0.300
0.120
1.80
2.50
35 x 50
680
383LX681M420N052
0.250
0.100
2.10
2.95
40 x 50
450 Vdc (500 Vdc Surge)
56
381LX560M450H012
3.530
1.240
0.47
0.66
22 x 25
68
381LX680M450H012
2.930
1.020
0.53
0.73
22 x 25
82
381LX820M450H022
2.430
1.090
0.64
0.91
22 x 30
100
381LX101M450H022
1.990
0.710
0.65
0.90
22 x 30
100
381LX101M450J022
1.660
0.580
0.65
0.90
25 x 30
120
381LX121M450H032
1.660
0.750
0.70
1.00
22 x 35
150
381LX151M450H032
1.330
0.590
0.80
1.10
22 x 35
150
381LX151M450K022
1.100
0.390
0.80
1.10
30 x 30
180
381LX181M450J032
1.110
0.380
0.90
1.20
25 x 35
180
381LX181M450K032
0.920
0.320
0.90
1.20
30 x 35
220
381LX221M450J052
0.750
0.260
1.00
1.40
25 x 50
220
381LX221M450K042
0.750
0.260
1.00
1.40
30 x 40
220
381LX221M450A022
0.750
0.260
1.00
1.40
35 x 30
220
381LX221M450A042
0.500
0.176
1.40
1.90
35 x 40
270
381LX271M450K452
0.614
0.246
1.20
1.70
30 x 45
270
381LX271M450A032
0.614
0.246
1.20
1.70
35 x 35
330
381LX331M450K052
0.502
0.201
1.40
1.90
30 x 50
330
381LX331M450A042
0.502
0.176
1.40
1.90
35 x 40
390
381LX391M450A452
0.425
0.150
1.60
2.20
35 x 45
390
383LX391M450N042
0.425
0.170
1.68
2.35
40 x 40
470
381LX471M450A052
0.353
0.123
1.70
2.40
35 x 50
470
383LX471M450N042
0.350
0.140
1.75
2.45
40 x 40
560
381LX561M450A062
0.296
0.104
2.20
3.00
35 x 63
680
383L681M450A082
0.188
0.124
2.00
2.50
35 x 80
680
383LX681M450N062
0.244
0.085
2.50
3.50
40 x 63
680
383LX681M450B052V
0.244
0.085
2.90
4.06
50 x 50
820
383LX821M450A082
0.202
0.071
2.70
3.80
35 x 80
820
383LX821M450B062V
0.222
0.078
3.42
4.79
50 x 63
1000
383LX102M450N082
0.166
0.058
3.50
4.90
40 x 80
1200
383LX122M450N102
0.138
0.048
4.33
6.06
40 x 105
1200
383LX122M450B082V
0.152
0.053
4.70
6.58
50 x 80
1300
383LX132M450B092V
0.140
0.049
5.16
7.25
50 x 92
1500
383LX152M450B102V
0.122
0.043
6.03
8.44
50 x 105


Similar Part No. - 381LX821M400A062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX821M400A062 CDE-381LX821M400A062 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
381LX821M400A062 CDE-381LX821M400A062 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 381LX821M400A062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com