Electronic Components Datasheet Search |
|
381LX271M420K032 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
381LX271M420K032 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 11 page Adding longer-life and more ripple capability to the excellent value of Type 380L/LX capacitors, the 381L/LX readily handles tough switching power supply input and output circuits and motor-drive bus capacitor applications where the high surface area of multiple units in parallel equals the ripple capability of our Type 520C inverter-grade capacitor. Type 381LX delivers more capacitance per can size while Type 381L gives lower ESR for the same capacitance rating. Type 383L/LX has 4 or 5 leads for stable, reverse-proof mounting. Highlights - Top performance in power supplies and motor drives - 4 times the life of Type 380L/LX - 2, 4 and 5 leads available - Big selection of 42 case sizes Specifications Temperature Range –40 °C to + 105 °C ≤ 315 Vdc –25 °C to + 105 °C ≥ 350 Vdc Rated Voltage Range 10 Vdc to 450 Vdc Capacitance Range 33 µF to 150,000 µF Capacitance Tolerance ± 20% Leakage Current ≤3 √CV µA, 4 mA max, 5 minutes Ripple Current Multipliers Ambient Temperature Low Temperature Characteristics Impedance ratio: Z –20⁰C ∕ Z+25⁰C ≤ 10 (10 Vdc) ≤ 8 (16–50 Vdc) ≤ 4 (63–100 Vdc) ≤ 3 (150–450 Vdc) Endurance Life Test 3000 h at full load at 105 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Shelf Life Test 1000 h at 105 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Vibration 10 to 55 Hz, 0.06” and 10 g max, 2 h each plane RoHS Compliant Frequency 45 °C 60 °C 70 °C 85 °C 105°C 381L 383L 2.70 2.60 2.50 2.10 1.00 381LX, 383 LX 2.35 2.20 2.00 1.70 1.00 50 Hz 60 Hz 120 Hz 500 Hz 1 kHz 5 kHz & up 10-100 Vdc 0.93 0.95 1.00 1.05 1.08 1.15 160-450 Vdc 0.75 0.80 1.00 1.20 1.25 1.40 CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum High Ripple, Long Life, 2, 4 and 5 pin styles available |
Similar Part No. - 381LX271M420K032 |
|
Similar Description - 381LX271M420K032 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |