Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS1968 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1968
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1968 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1968 Datasheet HTML 1Page - Vectron International, Inc TFS1968 Datasheet HTML 2Page - Vectron International, Inc TFS1968 Datasheet HTML 3Page - Vectron International, Inc TFS1968 Datasheet HTML 4Page - Vectron International, Inc TFS1968 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1968.doc
Version 2.0
29.05.2012
Vectron International
Filter specification
TFS 1968
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The nominal frequency fN is fixed at 1968,75 MHz. The insertion loss ae is defined as loss value determined at fN. All specified data are met within the
operating temperature range.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
2,0
dB
max.
5,0
dB
(reference level)
Nominal frequency
f
B
N
-
1968,75
MHz
Centre frequency
f
B
C
1968,75
MHz
-
Bandwidth
BW
3
dB
55,3
MHz
-
Absolute attenuation
aabs
@
984,37
MHz
40
dB
min.
35
dB
@ 2953,12
MHz
38
dB
min.
35
dB
@ 3937,50
MHz
31
dB
min.
25
dB
@ 4921,87
MHz
30
dB
min.
25
dB
@ 5906,25
MHz
18
dB
min.
14
dB
Operating temperature range
OTR
-
- 40 °C ... + 90 °C
Storage temperature range
-
- 45 °C ... + 95 °C
Temperature coefficient of frequency
TCf *
-46
ppm/K
-
*) ∆f(Hz) = TCf(ppm/K) x (T-T
B
0B) x f
To(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS1968

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1968A VECTRON-TFS1968A Datasheet
88Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1968

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com