Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2665M6 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2665M6
Description  Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2665M6 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2665M6 Datasheet HTML 6Page - Texas Instruments LM2665M6 Datasheet HTML 7Page - Texas Instruments LM2665M6 Datasheet HTML 8Page - Texas Instruments LM2665M6 Datasheet HTML 9Page - Texas Instruments LM2665M6 Datasheet HTML 10Page - Texas Instruments LM2665M6 Datasheet HTML 11Page - Texas Instruments LM2665M6 Datasheet HTML 12Page - Texas Instruments LM2665M6 Datasheet HTML 13Page - Texas Instruments LM2665M6 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
4176 =
4176 KBA=? D ./2665
0QI>AN KB &ARE?AO
ß
=
2176
2+0
=
+.
24
.
+.
24
. + +.
24
176 + +3(8+)
8
4+22.' =
+
.
&15% × %2
+ 2 × +
. × '54%2
4
176
24
59 +
2
&15% × %1
+ 4'54
%1 + '54%2
10
LM2665
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9.2.1.2 Detailed Design Requirements
9.2.1.2.1
Positive Voltage Doubler
The output characteristics of this circuit can be approximated by an ideal voltage source in series with a
resistance. The voltage source equals 2 V+. The output resistance ROUT is a function of the ON resistance of the
internal MOSFET switches, the oscillator frequency, the capacitance and equivalent series resistance (ESR) of
C1 and C2. Since the switching current charging and discharging C1 is approximately twice as the output current,
the effect of the ESR of the pumping capacitor C1 will be multiplied by four in the output resistance. The output
capacitor C2 is charging and discharging at a current approximately equal to the output current, therefore, its
ESR only counts when in the output resistance. A good approximation of ROUT is:
where
RSW is the sum of the ON resistance of the internal MOSFET switches shown in Figure 10.
(1)
The peak-to-peak output voltage ripple is determined by the oscillator frequency, the capacitance and ESR of the
output capacitor C2:
(2)
High capacitance, low-ESR capacitors can reduce both the output resistance and the voltage ripple.
The Schottky diode D1 is only needed for start-up. The internal oscillator circuit uses the OUT pin and the GND
pin. Voltage across OUT and GND must be larger than 1.8 V to insure the operation of the oscillator. During
start-up, D1 is used to charge up the voltage at the OUT pin to start the oscillator; also, it protects the device from
turning-on its own parasitic diode and potentially latching-up. Therefore, the Schottky diode D1 must have
enough current carrying capability to charge the output capacitor at start-up, as well as a low forward voltage to
prevent the internal parasitic diode from turning-on. A Schottky diode like 1N5817 can be used for most
applications. If the input voltage ramp is less than 10 V/ms, a smaller Schottky diode like MBR0520LT1 can be
used to reduce the circuit size.
9.2.1.2.2
Capacitor Selection
As discussed in Positive Voltage Doubler, the output resistance and ripple voltage are dependent on the
capacitance and ESR values of the external capacitors. The output voltage drop is the load current times the
output resistance, and the power efficiency is:
where
IQ(V+) is the quiescent power loss of the IC device; and
IL
2R
out is the conversion loss associated with the switch on-resistance, the two external capacitors and their
ESRs.
(3)
The selection of capacitors is based on the specifications of the dropout voltage (which equals IOUT ROUT), the
output voltage ripple, and the converter efficiency. Low ESR capacitors are recommended to maximize efficiency,
reduce the output voltage drop and voltage ripple.
9.2.1.2.3
Paralleling Devices
Any number of LM2665 devices can be paralleled to reduce the output resistance. Each device must have its
own pumping capacitor C1, while only one output capacitor COUT is needed as shown in Figure 12. The
composite output resistance is:
(4)


Similar Part No. - LM2665M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI-LM2665M6 Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2665M6X NSC-LM2665M6X Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6X TI-LM2665M6X Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
More results

Similar Description - LM2665M6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com