Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5107MAX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5107MAX
Description  1.4A Peak Half Bridge Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107MAX Datasheet(HTML) 3 Page - Texas Instruments

  LM5107MAX Datasheet HTML 1Page - Texas Instruments LM5107MAX Datasheet HTML 2Page - Texas Instruments LM5107MAX Datasheet HTML 3Page - Texas Instruments LM5107MAX Datasheet HTML 4Page - Texas Instruments LM5107MAX Datasheet HTML 5Page - Texas Instruments LM5107MAX Datasheet HTML 6Page - Texas Instruments LM5107MAX Datasheet HTML 7Page - Texas Instruments LM5107MAX Datasheet HTML 8Page - Texas Instruments LM5107MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
3
LM5107
www.ti.com
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
For WSON package it is recommended that the exposed pad on the bottom of the LM5107 be soldered to ground plane on the PCB
board and the ground plane should extend out from underneath the package to improve heat dissipation.
5 Pin Configuration and Functions
D and NGT Packages
8-Pin SOIC, WSON
Top View
Pin Functions(1)
Pin #
Name
Description
Application Information
SOIC
WSON
1
1
VDD
Positive gate drive supply
Locally decouple to VSS using low ESR/ESL capacitor located as
close to IC as possible.
2
2
HI
High side control input
The LM5107 HI input is compatible with TTL input thresholds.
Unused HI input should be tied to ground and not left open
3
3
LI
Low side control input
The LM5107 LI input is compatible with TTL input thresholds. Unused
LI input should be tied to ground and not left open.
4
4
VSS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device.
6
6
HS
High side source connection
Connect to the negative terminal of the bootstrap capacitor and to the
source of the high side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the low side N-MOS device.
8
8
HB
High side gate driver positive
supply rail
Connect the positive terminal of the bootstrap capacitor to HB and
the negative terminal of the bootstrap capacitor to HS. The bootstrap
capacitor should be placed as close to IC as possible.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics .
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed -1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD - 15V. For example, if VDD
= 10V, the negative transients at HS must not exceed -5V.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
VDD to VSS
-0.3V to 18V
HB to HS
−0.3V to 18V
LI or HI to VSS
−0.3V to VDD +0.3V
LO to VSS
−0.3V to VDD +0.3V
HO to VSS
VHS −0.3V to VHB +0.3V
HS to VSS
(3)
−5V to 100V
HB to VSS
118V
Junction Temperature
-40°C to +150°C
Storage Temperature Range
−55°C to +150°C


Similar Part No. - LM5107MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5107MAX TI-LM5107MAX Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
[Old version datasheet]   High Voltage 1-A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com