Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5107SD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5107SD
Description  1.4A Peak Half Bridge Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107SD Datasheet(HTML) 1 Page - Texas Instruments

  LM5107SD Datasheet HTML 1Page - Texas Instruments LM5107SD Datasheet HTML 2Page - Texas Instruments LM5107SD Datasheet HTML 3Page - Texas Instruments LM5107SD Datasheet HTML 4Page - Texas Instruments LM5107SD Datasheet HTML 5Page - Texas Instruments LM5107SD Datasheet HTML 6Page - Texas Instruments LM5107SD Datasheet HTML 7Page - Texas Instruments LM5107SD Datasheet HTML 8Page - Texas Instruments LM5107SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5107
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
1
1 Features
1
Drives Both a High Side and Low Side N-Channel
MOSFET
High Peak Output Current (1.4A Sink / 1.3A
Source)
Independent TTL compatible inputs
Integrated Bootstrap Diode
Bootstrap Supply Voltage to 118V DC
Fast Propagation Times (27 ns Typical)
Drives 1000 pF Load with 15ns Rise and Fall
Times
Excellent Propagation Delay Matching (2 ns
Typical)
Supply Rail Under-Voltage Lockout
Low Power Consumption
Pin Compatible with ISL6700
Packages:
SOIC
WSON (4 mm x 4 mm)
2 Applications
Current Fed Push-Pull Converters
Half and Full Bridge Power Converters
Solid State Motor Drives
Two Switch Forward Power Converters
3 Description
The LM5107 is a low cost high voltage gate driver,
designed to drive both the high side and the low side
N-Channel MOSFETs in a synchronous buck or a
half bridge configuration. The floating high-side driver
is capable of working with rail voltages up to 100V.
The outputs are independently controlled with TTL
compatible input thresholds. An integrated on chip
high voltage diode is provided to charge the high side
gate drive bootstrap capacitor. A robust level shifter
technology operates at high speed while consuming
low power and providing clean level transitions from
the control input logic to the high side gate driver.
Under-voltage lockout is provided on both the low
side and the high side power rails. The device is
available in the SOIC and the thermally enhanced
WSON packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5107
SOIC (8)
4.90 mm × 3.91 mm
WSON (8)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Block Diagram


Similar Part No. - LM5107SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5107SD TI-LM5107SD Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107SDX TI-LM5107SDX Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
[Old version datasheet]   High Voltage 1-A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com