Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385BLP-2-5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM385BLP-2-5
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM385BLP-2-5 Datasheet(HTML) 4 Page - Texas Instruments

  LM385BLP-2-5 Datasheet HTML 1Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 2Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 3Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 4Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 5Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 6Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 7Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 8Page - Texas Instruments LM385BLP-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IR
Reverse current
30
mA
IF
Forward current
10
mA
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IZ
Reference current
0.02
20
mA
TA
Operating free-air temperature
LM285-2.5
–40
85
°C
LM385-2.5, LM385B-2.5
0
70
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMx85-2.5, LM385B-2.5
UNIT
D (SOIC)
LP (T0-92)
PW (TSSOP)
8 PINS
3 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
112
157
168.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.5
80.3
53.7
°C/W
RθJB
Junction-to-board thermal resistance
52.1
N/A
96.4
°C/W
ψJT
Junction-to-top characterization parameter
15.8
24.6
4.5
°C/W
ψJB
Junction-to-board characterization parameter
51.7
136.2
94.7
°C/W


Similar Part No. - LM385BLP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385BLP-2-5 TI-LM385BLP-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385BLP-2-5 TI-LM385BLP-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385BLP-2-5 TI1-LM385BLP-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385BLP-2-5 TI-LM385BLP-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Similar Description - LM385BLP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com