Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS2096A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS2096A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS2096A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS2096A Datasheet HTML 1Page - Vectron International, Inc TFS2096A Datasheet HTML 2Page - Vectron International, Inc TFS2096A Datasheet HTML 3Page - Vectron International, Inc TFS2096A Datasheet HTML 4Page - Vectron International, Inc TFS2096A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 2096a.doc
Version 1.1
08.12.2009
Vectron International
Filter specification
TFS 2096A
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Filter characteristic
9
608.8
1208.6
1808.4
2408.2
3008
3607.8
4207.6
4807.4
5407.2
6007
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
insertion loss: -3.33 dB
2046
2056
2066
2076
2086
2096
2106
2116
2126
2136
2146
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
2046
2056
2066
2076
2086
2096
2106
2116
2126
2136
2146
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0.026
0.028
0.03
frequency in MHz
Construction and pin connection
(All dimensions in mm)
150 Ω / 150 Ω Test circuit
150 Ohm
5
3,4,7, 8
6
2
L1
L2
C1
SAW
L2
L4
C2
1
150 Ohm
Date code: Year + week
X
2009
A
2010
B
2011
...
1
Input
2
Input
3
Ground
4
Ground
5
Output
6
Output
7
Ground
8
Ground
N96A
● X50
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS2096A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS2096 VECTRON-TFS2096 Datasheet
93Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS2096A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com