Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27951SD Datasheet(PDF) 5 Page - Texas Instruments

Part # LM27951SD
Description  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951SD Datasheet(HTML) 5 Page - Texas Instruments

  LM27951SD Datasheet HTML 1Page - Texas Instruments LM27951SD Datasheet HTML 2Page - Texas Instruments LM27951SD Datasheet HTML 3Page - Texas Instruments LM27951SD Datasheet HTML 4Page - Texas Instruments LM27951SD Datasheet HTML 5Page - Texas Instruments LM27951SD Datasheet HTML 6Page - Texas Instruments LM27951SD Datasheet HTML 7Page - Texas Instruments LM27951SD Datasheet HTML 8Page - Texas Instruments LM27951SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LM27951
www.ti.com
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
CIN, COUT, C1, C2: Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
(3)
LED current matching is based on two calculations: [(IMAX – IAVG) / IAVG] and [(IAVG – IMIN) / IAVG]. IMAX and IMIN are the highest and
lowest respective Dx currents, and IAVG is the average Dx current of all four current sources. The largest number of the two calculations
(worst case) is considered the matching figure for the part. The typical specification provided is the most likely norm of the matching
figure for all parts.
(4)
Headroom voltage (VHR) = VOUT − VDX. If headroom voltage requirement is not met, LED current regulation may be compromised.
(5)
EN logic input high current (IIH) is due to a 150-kΩ (typical) pulldown resistor connected internally between the EN and GND pins.
(6)
The open-loop output resistance (ROUT) models all voltage losses in the charge pump. ROUT can be used to estimate the voltage at the
charge pump output VOUT and the maximum current capability of the device under low VIN and high IOUT conditions, beyond what is
specified in the electrical specifications table: VOUT = (G × VIN) – (ROUT × IOUT). In the equation, G is the charge-pump-gain mode, and
IOUT is the total output current (sum of all active Dx current sources and all current drawn from VOUT).
6.5 Electrical Characteristics
Unless otherwise noted, typical limits are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature (–40°C to +85°C); specifications apply to the Simplified Schematic with VIN = 3.6 V, V(EN) = 1.8 V, V(PWM) =
1.8 V, 4 LEDs, VDX = 3.6 V, CIN = COUT = 3.3 µF, C1 = C2 = 1 µF, RSET = 12.5 kΩ
(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDX
LED current regulation
3 V
≤ VIN ≤ 5.5 V
RSET = 12.5 kΩ
IVOUT = 0 mA
18.4
(
−8%)
20
21.6
(8%)
mA
3 V
≤ VIN ≤ 5.5 V
RSET = 8.32 kΩ
IVOUT = 0 mA
30
3 V
≤ VIN ≤ 5.5 V
RSET = 24.9 kΩ
IVOUT = 0 mA
10
ID-MATCH
LED current matching(3)
RSET = 8.32 kΩ
0.2
1.5%
IQ
Quiescent supply current
D(1-4) = OPEN
RSET = OPEN
1.5
1.9
mA
ISD
Shutdown supply current
3 V
≤ VIN ≤ 5.5 V
V(EN) = 0 V
0.1
1
µA
VSET
ISET pin voltage
3 V
≤ VIN ≤ 5.5 V
1.25
V
IDX / ISET
Output current to current set
ratio
200
VHR
Current source voltage
headroom requirement(4)
IDX = 95% IDX (nominal)
RSET = 8.32 kΩ
(IDX nominal = 30 mA)
360
mV
IDX = 95% IDX (nom.)
RSET = 12.5 kΩ
(IDX nom. = 20 mA)
240
fSW
Switching frequency
525
(–30%)
750
975
(30%)
kHz
VIH
Logic input high
Input pins: EN, PWM
3 V
≤ VIN ≤ 5.5 V
1
VIN
V
VIL
Logic input low
Input pins: EN, PWM
3 V
≤ VIN ≤ 5.5 V
0
0.4
IIH
Logic input high current
Input pin: PWM
V(PWM) = 1.8 V
10
nA
Input pin: EN
V(EN) = 1.8 V(5)
12
µA
IIL
Logic input low current
Input pins: EN, PWM
V(EN, PWM) = 0 V
10
nA
ROUT
Charge pump output
resistance (6)
3.3
VGDX
1× to 3/2× gain transition
voltage threshold on VDX
(VOUT − VDX) Falling
500
mV
tON
Start-up time
IDX = 90% steady state
330
µs


Similar Part No. - LM27951SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Similar Description - LM27951SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com