Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27951SDX Datasheet(PDF) 6 Page - Texas Instruments

Part # LM27951SDX
Description  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951SDX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM27951SDX Datasheet HTML 2Page - Texas Instruments LM27951SDX Datasheet HTML 3Page - Texas Instruments LM27951SDX Datasheet HTML 4Page - Texas Instruments LM27951SDX Datasheet HTML 5Page - Texas Instruments LM27951SDX Datasheet HTML 6Page - Texas Instruments LM27951SDX Datasheet HTML 7Page - Texas Instruments LM27951SDX Datasheet HTML 8Page - Texas Instruments LM27951SDX Datasheet HTML 9Page - Texas Instruments LM27951SDX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LM27951
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise specified: TA = 25°C, 4 LEDs, VDX = 3.6 V, VIN = 3.6 V, VEN = VIN, VPWM = VIN, C1 = C2 = 1µF, CIN = COUT =
3.3 µF. Capacitors are low-ESR multi-layer ceramic capacitors (MLCCs).
Figure 1. LED Current Regulation vs Input Voltage
Figure 2. Average LED Current Regulation vs Input Voltage
VIN = 3.6V
Time scale: 400
ns/Div
Load = 15 mA/LED, 4
LEDs
CH1 (TOP): VIN; Scale: 20mV/Div, AC Coupled
CH2 (BOTTOM): VOUT; Scale: 20mV/Div, AC Coupled
Figure 3. Input and Output Voltage Ripple
VIN = 3.6 V
Time scale: 100
µs/Div
Load = 20mA/LED, 4
LEDs
CH1 (TOP): VEN; Scale: 1 V/Div
CH2 (BOTTOM): VOUT; Scale: 1 V/Div
Figure 4. Start-Up Response


Similar Part No. - LM27951SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Similar Description - LM27951SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com