Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4500GM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4500GM-HF
Description  Fast Switching Performance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4500GM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4500GM-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4500GM-HF_16 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
Simple Drive Requirement
N-CH BVDSS
20V
Low Gate Charge
RDS(ON)
30mΩ
Fast Switching Performance
ID
6A
RoHS Compliant & Halogen-Free
P-CH
BVDSS
-20V
RDS(ON)
50mΩ
Description
ID
-5A
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
+12
V
ID@TA=25℃
-5
A
ID@TA=70℃
-4
A
IDM
Pulsed Drain Current
1
-20
A
PD@TA=25℃
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Parameter
1
Thermal Data
AP4500GM-HF
Halogen-Free Product
20
+12
Drain Current, VGS @ 4.5V
3
Drain Current, VGS @ 4.5V
3
6
4.8
20
201501087
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
AP4500 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The SO-8 package is widely preferred for all commercial-
industrial surface mount applications using infrared reflow
technique and suited for voltage conversion or switch
applications.


Similar Part No. - AP4500GM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GM-HF A-POWER-AP4500GM-HF_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4500GM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com