Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GALI-1 Datasheet(PDF) 2 Page - Mini-Circuits

Part # GALI-1
Description  Monolithic Amplifier DC-8 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GALI-1 Datasheet(HTML) 2 Page - Mini-Circuits

  GALI-1 Datasheet HTML 1Page - Mini-Circuits GALI-1 Datasheet HTML 2Page - Mini-Circuits GALI-1 Datasheet HTML 3Page - Mini-Circuits GALI-1 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Monolithic InGaP HBT MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 4
Parameter
Min.
Typ.
Max.
Units
Frequency Range*
DC
8
GHz
Gain
f=0.1 GHz
12.7
dB
f=1 GHz
12.5
f=2 GHz
9.0
11.8
f=3 GHz
11.3
f=4 GHz
10.5
f=6 GHz
10.5
f=8 GHz
11.0
Input Return Loss
f= DC to 3 GHz
17.5
dB
f= 3 to 8 GHz
11.5
Output Return Loss
f= DC to 3 GHz
15.5
dB
f= 3 to 8 GHz
11
Output Power @ 1 dB compression
f=2 GHz
10.5
12.2
dBm
Output IP3
f=2 GHz
27
dBm
Noise Figure
f=2 GHz
4.5
dB
Recommended Device Operating Current
40
mA
Device Operating Voltage
3.0
3.4
4.1
V
Device Voltage Variation vs. Temperature at 40 mA
-2.8
mV/°C
Device Voltage Variation vs. Current at 25°C
9.4
mV/mA
Thermal Resistance, junction-to-case1
108
°C/W
Gali 1+
Electrical Specifications at 25°C and 40mA, unless noted
Parameter
Ratings
Operating Temperature*
-45°C to 85°C
Storage Temperature
-65°C to 150°C
Operating Current
55mA
Input Power
15dBm
Note: Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
1
Case is defined as ground leads.
*Based on typical case temperature rise 2°C above ambient.
Absolute Maximum Ratings
*Guaranteed specification DC-8 GHz. Low frequency cut off determined by external coupling capacitors.


Similar Part No. - GALI-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-19 MINI-GALI-19 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
GALI-19_29_39_49 MINI-GALI-19_29_39_49_59 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
More results

Similar Description - GALI-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
   Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
   Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
   Monolithic Amplifier DC-2 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
   Monolithic Amplifier DC-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com