Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GALI-24 Datasheet(PDF) 1 Page - Mini-Circuits

Part # GALI-24
Description  Monolithic Amplifier DC-6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GALI-24 Datasheet(HTML) 1 Page - Mini-Circuits

  GALI-24 Datasheet HTML 1Page - Mini-Circuits GALI-24 Datasheet HTML 2Page - Mini-Circuits GALI-24 Datasheet HTML 3Page - Mini-Circuits GALI-24 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Monolithic Amplifier
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen
for the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection, as shown in “Recommended
Application Circuit”.
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB
Design” to reduce ground path inductance for best performance.
GROUND
RF IN
RF-OUT and DC-IN
REV. B
M151107
ED-11756/3E
GALI-24+
150723
DC-6 GHz
CASE STYLE: DF782
Product Features
• High gain, 25 dB typ. at 100 MHz
• High IP3, 35 dBm typ.
• High Pout, P1dB 19 dBm typ.
• Internally Matched to 50 Ohms
• Transient protected
• Excellent ESD Protection
• Unconditionally stable
• Aqueous washable
• Protected by US patent 6,943,629
Typical Applications
• Base station infrastructure
• Portable Wireless
• CATV & DBS
• MMDS & Wireless LAN
General Description
Gali 24+ (RoHS compliant) is a wideband amplifier offering high dynamic range. Lead finish is SnAgNi.
It has repeatable performance from lot to lot and is enclosed in a SOT-89 package. It uses patented
Transient Protected Darlington configuration and is fabricated using InGaP HBT technology. Expected
MTBF is 3,000 years at 85°C case temperature. Gali 24+ is designed to be rugged for ESD and supply
switch-on transients.
Gali 24+
3 RF-OUT & DC-IN
2 GROUND
1 RF-IN
4
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - GALI-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-29 MINI-GALI-29 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
More results

Similar Description - GALI-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-84 MINI-GALI-84 Datasheet
214Kb / 4P
   Monolithic Amplifier DC-6 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
   Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
   Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
   Monolithic Amplifier DC-2 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
   Monolithic Amplifier DC-2 GHz
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com