Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4503BGO-HF Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4503BGO-HF
Description  Simple Drive Requirement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4503BGO-HF Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4503BGO-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4503BGO-HF_16 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP4503BGO-HF
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
30
-30
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
0
4
8
12
16
Q G , Total Gate Charge (nC)
I D = 6 A
V DS = 15 V
0
200
400
600
800
1000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=208
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
C oss
C rss
C iss
0
10
20
30
40
50
0
2
4
6
8
V GS , Gate-to-Source Voltage (V)
T j =150
o
T j =25
o C
V DS =5V
Operation in this
area limited by
RDS(ON)
.


Similar Part No. - AP4503BGO-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4503BGO-HF A-POWER-AP4503BGO-HF_14 Datasheet
151Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4503BGO-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com