Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4509AGM-HF Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # AP4509AGM-HF
Description  Fast Switching Performance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4509AGM-HF Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  AP4509AGM-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4509AGM-HF_16 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP4509AGM-HF
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
30
-30
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
7
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
0.0
8.0
16.0
24.0
32.0
Q G , Total Gate Charge (nC)
I D = -7A
V DS = -15V
0
400
800
1200
1600
2000
1
5
9
13
17
21
25
29
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1 s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=135
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP4509AGM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4509AGM-HF A-POWER-AP4509AGM-HF_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4509AGM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com