Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME10-3.3SCJZ Datasheet(PDF) 5 Page - AIMTEC

Part # AME10-3.3SCJZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME10-3.3SCJZ Datasheet(HTML) 5 Page - AIMTEC

  AME10-3.3SCJZ Datasheet HTML 1Page - AIMTEC AME10-3.3SCJZ Datasheet HTML 2Page - AIMTEC AME10-3.3SCJZ Datasheet HTML 3Page - AIMTEC AME10-3.3SCJZ Datasheet HTML 4Page - AIMTEC AME10-3.3SCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AME10-CJZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
5 of 5
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
C4
C6
TVS1
TVS2
TVS3
Single 3.3 Vout
470 µF
-
-
7V
-
-
Single 5 Vout
330 µF
-
-
7V
-
-
Single 9 Vout
120 µF
-
-
12V
-
-
Single 12 & 15 Vout
120 µF
-
-
20V
-
-
Single 24 Vout
68 µF
-
-
30V
-
-
Dual ±5 Vout
220 µF
220 µF
-
7V
7V
-
Dual ±12 Vout
120 µF
120 µF
-
20V
20V
-
Dual ±15 Vout
47 µF
47 µF
-
20V
20V
-
Dual ±24 Vout
33 µF
33 µF
-
30V
30V
-
Triple 5/±12 Vout
220 µF
68 µF
68 µF
7V
20V
20V
Triple 5/±15 Vout
220 µF
47 µF
47 µF
7V
20V
20V
Dual 5/5 Vout
220 µF
68 µF
-
7V
7V
-
Dual 5/12 Vout
220 µF
68 µF
-
7V
20V
-
Dual 5/15 Vout
220 µF
47 µF
-
7V
20V
-
Dual 5/24 Vout
220 µF
47 µF
-
7V
30V
-
AC
DC
AC L
AC N
+ Vout 1
‐ Vout 2
Asymmetric 
Dual Output
MOV
S14K350
FUSE
2A/300V
C1
1µF/50V
NTC
AC L
AC N
+
Vout 2
   C2
+
TVS 1
Earth/GND
C3
1µF/50V
   C4
+
+
Vout 1
+ Vout 2
‐ Vout 1
TVS 2
AC
DC
AC L
AC N
+ Vout 2
‐ Vout 2
MOV
S14K350
FUSE
2A/300V
C5
1µF/50V
NTC
AC L
AC N
+ Vout 2
‐ Vout 2
   C6
+
TVS2
Earth/GND
Com
C3
1µF/50V
   C4
+
Com
+
C1
1µF/50V
   C2
+
TVS1
+
Vout 1
Vout 1
Triple Output
TVS3


Similar Part No. - AME10-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME10-3.3SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com