Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME15-15SCJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME15-15SCJZ
Description  15 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-15SCJZ Datasheet(HTML) 3 Page - AIMTEC

  AME15-15SCJZ Datasheet HTML 1Page - AIMTEC AME15-15SCJZ Datasheet HTML 2Page - AIMTEC AME15-15SCJZ Datasheet HTML 3Page - AIMTEC AME15-15SCJZ Datasheet HTML 4Page - AIMTEC AME15-15SCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AME15-CJZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
3 of 5
North America only
Safety Specifications
Parameters
Agency approvals
cULus, CE (single output models only)
Standards
Information technology Equipment
IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class B
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4 Level 3
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 3
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 3
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11 Class 2
Dimensions
Pin Out Specifications
Pin
Single
Dual
Triple
Asymmetric Dual
1
AC Input (N)
AC Input (N)
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
AC Input (L)
AC Input (L)
3
-V Output
-V Output
-V Output 1
-V Output 1
4
No pin
No pin
+V Output 1
+V Output 1
5
No pin
Common
-V Output 2
No pin
6
No pin
No pin
Common
-V Output 2
7
+V Output
+V Output
+V Output 2
+V Output 2
62.00
(2.44)
Bottom
View
1
3
4
4.00
(0.16)
4.00
(0.16)
54.00
(2.13)
1.00
(0.04)
Case Tolerance ±0.50 (±0.02)
Pin Diameter 1.0 ± 0.10 (0.04 ± 0.004)
Dimensions mm (inch)
Ø 1.50 (Ø 0.06)
DIV: 10.00 (0.40)
Top View
1
5
3
4
2
5
6
7
2
6
7


Similar Part No. - AME15-15SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-15S AIMTEC-AME15-15S Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-15SJZ AIMTEC-AME15-15SJZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-15SMAZ AIMTEC-AME15-15SMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-15SMAZ AIMTEC-AME15-15SMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-15SMAZ AIMTEC-AME15-15SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME15-15SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-JZ AIMTEC-AME15-JZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com