Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME40-CJZ Datasheet(PDF) 6 Page - AIMTEC

Part # AME40-CJZ
Description  40 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME40-CJZ Datasheet(HTML) 6 Page - AIMTEC

  AME40-CJZ Datasheet HTML 1Page - AIMTEC AME40-CJZ Datasheet HTML 2Page - AIMTEC AME40-CJZ Datasheet HTML 3Page - AIMTEC AME40-CJZ Datasheet HTML 4Page - AIMTEC AME40-CJZ Datasheet HTML 5Page - AIMTEC AME40-CJZ Datasheet HTML 6Page - AIMTEC AME40-CJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Series AME40-CJZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924
6832)
F 052e R8.A
6 of 7
North America only
Leave open if not used.
 
AME40‐3.3SCJZ 
 
 
 
     
 
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
3.27 
3.23 
3.2 
3.17
3.14
3.1
3.07
3.04 
3
2.97
Rt down (KΩ)  109.727  50.913 
35.75 
27.244 
21.8 
17 
14.465 
12.5 
10.478 
9.277 
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
3.33 
3.37 
3.4 
3.43
3.47
3.5
3.53
3.56 
3.6
3.63
Rt up (KΩ) 
105.286 
38.158 
25.571 
19.108
14.184
11.828
10.104
8.789 
7.455
6.67
 
AME40‐5SCJZ  
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
4.95 
4.9 
4.85 
4.8
4.75
4.7
4.65
4.6 
4.55
4.5
Rt down (KΩ) 
160.7 
78.2 
50.7 
36.95
28.7
23.2
19.271
16.325 
14.033
12.2
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
5.05 
5.1 
5.15 
5.2
5.25
5.3
5.35
5.4 
5.45
5.5
Rt up (KΩ) 
164 
81.5 
54 
40.25
32
26.5
22.571
19.625 
17.333
15.5
AME40‐9SCJZ 
 
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
8.91 
8.82 
8.73 
8.64
8.55
8.46
8.37
8.28 
8.19
8.1
Rt down (KΩ)  254.795 
141.96 
97.332 
73.419
58.515
48.336
40.943
35.329 
30.921
27.369
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
9.09 
9.18 
9.27 
9.36
9.45
9.54
9.63
9.72 
9.81
9.9
Rt up (KΩ) 
187.839 
76.19 
47.509 
34.368
26.829
21.939
18.511
15.974 
14.021
12.471
 
AME40‐12SCJZ  
Trim down % 
4
5
6
9
10
Vout (VDC) 
11.88 
11.76 
11.64 
11.52
11.4
11.28
11.16 
11.04 
10.92
10.8
Rt down (KΩ)  183.233 
111.59 
79.474 
61.246
49.499
41.299
35.249 
30.602 
26.921
23.933
Trim up % 
4
5
6
9
10
Vout (VDC) 
12.12 
12.24 
12.36 
12.48
12.6
12.72
12.84 
12.96 
13.08
13.2
Rt up (KΩ) 
211.778 
57.03 
32.596 
22.642
17.238
13.845
11.516 
9.819 
8.527
7.511
AME40‐15SCJZ 
 
Trim down % 
4
5
6
9
10
Vout (VDC) 
14.85 
14.7 
14.55 
14.4
14.25
14.1
13.95 
13.8 
13.65
13.5
Rt down (KΩ)  492.012  220.375  140.481  102.271
79.872
65.153
54.742 
46.989 
40.991
36.214
Trim up % 
4
5
6
9
10
Vout (VDC) 
15.15 
15.3 
15.45 
15.6
15.75
15.9
16.05 
16.2 
16.35
16.5
Rt up (KΩ) 
124 
61.5 
40.667 
30.25
24
19.833
16.857 
14.625 
12.889
11.5


Similar Part No. - AME40-CJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME40-CJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ-1 AIMTEC-AMEC40-MAZ-1_16 Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_16 Datasheet
214Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com