Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME40-24SCJZ Datasheet(PDF) 5 Page - AIMTEC

Part # AME40-24SCJZ
Description  40 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME40-24SCJZ Datasheet(HTML) 5 Page - AIMTEC

  AME40-24SCJZ Datasheet HTML 1Page - AIMTEC AME40-24SCJZ Datasheet HTML 2Page - AIMTEC AME40-24SCJZ Datasheet HTML 3Page - AIMTEC AME40-24SCJZ Datasheet HTML 4Page - AIMTEC AME40-24SCJZ Datasheet HTML 5Page - AIMTEC AME40-24SCJZ Datasheet HTML 6Page - AIMTEC AME40-24SCJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series AME40-CJZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924
6832)
F 052e R8.A
5 of 7
North America only
Trimming
Output voltage can be externally trimmed by utilizing the methods as shown below
Fixed Resistor
Variable Potentiometer
Model
C2
C4
TVS1
TVS2
Single 3.3 & 5 Vout
680 µF
-
7V
-
Single 9 Vout
330 µF
-
12V
-
Single 12 & 15 Vout
220 µF
-
20V
-
Single 24 Vout
120 µF
-
30V
-
Dual ±5 Vout
680 µF
680 µF
7V
7V
Dual ±12 & ±15 Vout
220 µF
220 µF
20V
20V
Dual 5/12 Vout
680 µF
220 µF
7V
20V
Dual 5/24 Vout
680 µF
120 µF
7V
30V
AC
DC
AC L
AC N
+ Vout
‐ Vout
Dual Output
MOV
S14K350
FUSE
3.15A/300V
C1
1µF/50V
NTC
AC L
AC N
+ Vout
‐ Vout
   C2
+
TVS 1
Com
C3
1µF/50V
   C4
+
Com
TVS 2
AC
DC
AC L
AC N
+ Vout 1
‐ Vout 2
Asymmetric 
Dual Output
MOV
S14K350
FUSE
3.15A/300V
C1
1µF/50V
NTC
AC L
AC N
+
Vout 2
   C2
+
TVS 1
C3
1µF/50V
   C4
+
+
Vout 1
+ Vout 2
‐ Vout 1
TVS 2


Similar Part No. - AME40-24SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-24SMAZ AIMTEC-AME40-24SMAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AME40-24SMAZ AIMTEC-AME40-24SMAZ Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AME40-24SMAZ AIMTEC-AME40-24SMAZ Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AME40-24SMAZ AIMTEC-AME40-24SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-24SMAZ AIMTEC-AME40-24SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME40-24SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ-1 AIMTEC-AMEC40-MAZ-1_16 Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_16 Datasheet
214Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com