Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8556SQ-E09 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8556SQ-E09
Description  High-Efficiency LED Backlight Driver for Tablets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556SQ-E09 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8556SQ-E09 Datasheet HTML 7Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 8Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 9Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 10Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 11Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 12Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 13Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 14Page - Texas Instruments LP8556SQ-E09 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
VSW
20V/DIV
IL
500 mA/DIV
IOUT
100 mA/DIV
VBOOSTac
200 mV/DIV
1 Ps/DIV
EN/VDDIO
2V/DIV
VSW
20V/DIV
VBOOST
20V/DIV
4 ms/DIV
11
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.11 Typical Characteristics
Unless otherwise specified: VIN = 3.8 V, CVLDO = 10 μF, L1 = 4.7 μH, CIN = 2.2 μF, COUT = 4.7 μF, ƒSW = 1.25 MHz.
Figure 2. Steady-State Operation Waveforms
Figure 3. Start-Up Waveforms


Similar Part No. - LP8556SQ-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556SQ-E09/NOPB TI-LP8556SQ-E09/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results

Similar Description - LP8556SQ-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com